Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 95 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 95 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 91Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 92Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 95Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 139 page
background image
April 2008
Datasheet
309823-10
95
Numonyx™ StrataFlash® Cellular Memory (M18)
When the Resume command is issued during a simultaneous erase-suspend/ program-
suspend condition, the programming operation is resumed first. Upon completion of the
programming operation, the Status Register should be checked for any errors, and
cleared. The resume command must be issued again to complete the erase operation.
Upon completion of the erase operation, the Status Register should be checked for any
errors, and cleared.
9.10
Simultaneous Operations
The multi-partition architecture of the flash device allows programming or erasing to
occur in one partition while reads are performed from another partition. Only status
reads are allowed in partitions that are busy programming or erasing.
Note:
When OTP Registercommands are issued to a parameter any partition address, the OTP
Registeris mapped onto that partition.
Table 45, “Read-While-Program and Read-While-Erase Rules” shows the rules for
reading from a partition while simultaneously programming or erasing within another
partition.
Note:
OTP Register, Device Information, CFI Query.
9.11
Security
The flash device incorporates features for protecting main-array contents and for
implementing system-level security schemes. The following sections describe the
available features.
9.11.1
Block Locking
Two methods of block-lock control are available: software and hardware. Software
control uses the Block Lock and Block Unlock commands; hardware control uses WP#
along with the Block Lock-Down command.
Upon power up or exit from reset, all main array blocks are locked, but not locked
down. Locked blocks cannot be erased or programmed.
Block lock and unlock operations are independent of the voltage level on VPP.
Table 46 summarizes the command bus-cycles.
Table 45: Read-While-Program and Read-While-Erase Rules
Read modes allowed when program/erase busy in partition A
Active Operation
Read Status
Array Reads
Non-Array Reads1
Main-Array Program
All partitions
All partitions except busy partition A
All partitions except busy partition A
Main-Array Erase
All partitions
All partitions except busy partition A
All partitions except busy partition A
OTP Register Program
All partitions
All partitions except busy partition A
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com