Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 96 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 96 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 92Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 95Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
96
309823-10
To lock, unlock, or lock-down a block, first issue the setup command to any address
within the desired block. The read mode of the addressed partition is automatically
changed to Read Status Register mode. Next, issue the desired confirm command to
the block’s address. Note that the confirm command determines the operation
performed. The Status Register should be checked for any errors, and then cleared.
The lock status of a block can be determined by issuing the Read Device Information
command, and then reading from <block base address> + 02h. DQ0 indicates the lock
status of the addressed block (0 = unlocked, 1 = locked), and DQ1 indicates the lock-
down status of the addressed block (0 = lock-down not issued; 1 = locked-down
issued). Section 9.4.3, “Read Device Information” on page 82 summarizes the details
of this operation.
Blocks cannot be locked or unlocked while being actively programmed or erased. Blocks
can be locked or unlocked during erase-suspend, but not during program-suspend.
Note:
If a block-erase operation is suspended, and then the block is locked or locked down,
the lock status of the block will be changed immediately. When resumed, the erase
operation will still complete.
Block lock-down protection is dependent on WP#. When WP# = VIL, blocks locked
down are locked, and cannot be unlocked using the Block Unlock command. When
WP# = VIH, block lock-down protection is disabled—locked-down blocks can be
individually unlocked using the Block Unlock command. Subsequently, when WP# =
VIL, previously locked-down blocks are once again locked and locked-down, including
locked-down blocks that may have been unlocked while WP# was de-asserted.
A locked-down block can only be unlocked by issuing the Unlock Block command with
WP# deasserted. To return an unlocked block to the locked-down state, a Lock-Down
command must be issued prior to asserting WP#.
Issuing the Block Lock-Down command to an unlocked block does not lock the block.
However, asserting WP# after issuing the Block Lock-Down command locks (and locks
down) the block. Lock-down for all blocks is cleared upon power-up or exit from reset.
Figure 49 summarizes block-locking operations.
Table 46: Block Locking Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Lock Block
Block Address
0060h
Block Address
0001h
Unlock Block
Block Address
0060h
Block Address
00D0h
Lock-Down Block
Block Address
0060h
Block Address
002Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com