Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 42 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 42 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 39Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 40Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 43Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 45Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 46Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
42
309823-10
5.0
Maximum Ratings and Operating Conditions
5.1
Absolute Maximum Ratings
Warning:
Stressing the device beyond the Absolute Maximum Ratings may cause permanent
damage. These are stress ratings only.
5.2
Operating Conditions
Warning:
Operation beyond the “Operating Conditions” is not recommended and extended
exposure beyond the “Operating Conditions” may affect device reliability.
NOTICE: This document contains information available at the time of its release. The specifications are subject to change without
notice. Verify with your local Numonyx sales office that you have the latest datasheet before finalizing a design.
Table 10: Absolute Maximum Ratings
Parameter
Min
Max
Unit
Conditions
Notes
Temperature under Bias Expanded
–30
+85
°C
—
1
Storage Temperature
–65
+125
°C
—
1
F-VCC Voltage
–2.0
VCCQ + 2.0
V
—
2,3
VCCQ and P-VCC Voltage
–2.0
VCCQ + 2.0
V
—
2,4
Voltage on any input/output signal (except
VCC, VCCQ,and VPP)
–2.0
VCCQ + 2.0
V
—
2,4
F-VPP Voltage
–2.0
+11.5
V
—
2,3
ISH Output Short Circuit Current
—
100
mA
—
5
VPPH Time
—
80
Hours
6
Block Program/Erase Cycles: Main Blocks
100,000
—
Cycles
F-VPP = VCC or F-VPP = VPPH
6
Notes:
1.
Temperature is Ambient, not Case.
2.
Voltage is referenced to VSS.
3.
During signal transitions, minimum DC voltage may undershoot to –2.0 V for periods < 20 ns; maximum DC voltage
may overshoot to VCC (max) + 2.0 V for periods < 20 ns.
4.
During signal transitions, minimum DC voltage may undershoot to –1.0 V for periods < 20 ns; maximum DC voltage
may overshoot to VCCQ (max) + 1.0 V for periods < 20 ns.
5.
Output shorted for no more than one second. No more than one output shorted at a time.
6.
Operation beyond this limit may degrade performance.
Table 11: Operating Conditions
Symbol
Description
Min
Max
Unit
Conditions
TC
Operating Temperature (Case Temperature)
–30
+85
°C
—
VCC
VCC Supply Voltage
+1.7
+2.0
V
—
VCCQ
I/O Supply Voltage
+1.7
+2.0
V
—
VPPL
Programming Voltage (Logic Level)
+0.9
+2.0
V
—
VPPH
Factory Programming Voltage (High Level)
+8.5
+9.5
V
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com