Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 54 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 54 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 50Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 51Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 52Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 53Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 54Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 55Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 56Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 57Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 58Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
54
309823-10
7.2.3
Timings: Non-Mux Device, Sync Read
Notes:
1.
8-word and 16-word burst are always wrap-only.
Figure 22: Sync Single-Word Array/Non-Array Read, 108 MHz
Latency Count
R9
R8
R305
R304
R4
R13
R307
R16
R7
R303
R102
R3
R104
R106
R101
R104
R105
R105
R2
R306
R301
CLK [C]
Address [A]
ADV# [V]
CE# [E]
OE# [G]
WAIT [T]
Data [D/Q]
Figure 23: Synchronous 8- or 16-word Burst Read (Non-Mux)
R5
R111
R9
R8
R304
R305
R304
R305
R315
R2
R304
R3
R4
R103
R7
R17
R13
R307
R312
R307
R12
R15
R16
R11
R11
R303
R102
R105
R105
R316
R317
R313
R106
R104
R101
R316
R311
R301
R104
R306
R302
R1
R202
R201
R202
R202
R202
R201
Latency Count
R1
Latency Count
CLK
A[MAX:0]
ADV#
CE#
OE#
WAIT
DQ[15:0]
RST#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com