Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 80 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 80 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 76Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 77Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 78Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 79Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 83Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
80
309823-10
9.3.1
Output Driver Control
Output Driver Control enables the user to adjust the device’s output-driver strength of
the data I/O bus and WAIT signal. Upon power-up or reset, ECR[2:0] defaults to an
output impedance setting of 30 Ohms. To change the output-driver strength, ECR[2:0]
must be programmed to the desired setting as shown in Table 34, “Output Driver
Control Characteristics”.
9.3.2
Programming the ECR
The ECR is programmed by issuing the Program Enhanced Configuration Register
command. This is a two-cycle command sequence requiring a Setup command to be
issued first, followed by a Confirm command. Bus-write cycles to the flash device
between the setup and confirm commands are not allowed—a command sequence
error will result. However, flash bus-read cycles between the Setup and Confirm
commands are allowed.
Table 33: Enhanced Configuration Register Bit Definitions
Enhanced Configuration Register
Default = 0004h
Deep Power Down
(DPD) Mode
DPD Polarity
Reserved
Output Driver Control
15
14
13:3
2
1
0
Bit
Name
Description
15
Deep Power Down (DPD) Mode
0 = DPD Disabled (default)
1 = DPD Enabled
14
DPD Pin Polarity
0= Active Low (default)
1= Active High
13:3
Reserved
Write 0 to reserved bits
2:0
Output Driver Control
Bits:
2 1 0
001= 1
010= 2
011= 3
100= 4 (default)
101= 5
110= 6
(Other bit settings are reserved)
Table 34: Output Driver Control Characteristics
Control Bits ECR[2:0]
Impedance @ VCCQ/2 (Ohm)
Driver Multiplier
Load Driven at Same Speed (pF)
001
(1)
90
1/3
10
010
(2)
60
1/2
15
011
(3)
45
2/3
20
100
(4) default
30
1
30
101
(5)
20
3/2
35
110
(6)
15
2
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com