Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 93 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 93 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 89Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 90Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 91Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 92Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 95Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 139 page
background image
April 2008
Datasheet
309823-10
93
Numonyx™ StrataFlash® Cellular Memory (M18)
Note:
Issuing the Read Array command to a partition that is actively erasing a main block
causes subsequent reads from that partition to output invalid data. Valid array data is
output only after the block-erase operation has finished.
Standby power levels are not realized until the block-erase operation has finished.
Asserting RST# immediately aborts the block-erase operation, and array contents at
the addressed location are indeterminate. The addressed block should be erased, and
the data re-programmed.
9.8
Blank Check Operation
Blank Check is used to see if a main-array block is completely erased. A Blank Check
operation is performed one block at a time, and cannot be used during Program
Suspend or Erase Suspend.
To use Blank Check, first issue the Blank Check setup command followed by the confirm
command. The read mode of the addressed partition is automatically changed to Read
Status Register mode, which remains in effect until another read-mode command is
issued.
During a blank check operation, the Status Register indicates a busy status (SR7 = 0).
Upon completion, the Status Register indicates a ready status (SR7 = 1).
Note:
Issuing the Read Status Register command to another partition switches that partition’s
read mode to Read Status Register mode, thereby allowing the blank check operation
to be monitored from that partition’s address.
The Status Register should be checked for any errors, and then cleared. If the Blank
Check operation fails, i.e., the block is not completely erased, then the Status Register
will indicate a Blank Check error (SR[7,5] = 1).
The only valid command during a Blank Check operation is Read Status. Blank Check
cannot be suspended. After the blank check operation has completed, any valid
command can be issued.
9.9
Suspend and Resume
Program and erase operations of the main array can be suspended to perform other
device operations, and then subsequently resumed. However, OTP Register
programming or blank check operations cannot be suspended.
To suspend an on-going erase or program operation, issue the Suspend command to
any device address; the corresponding partition is not affected. Table 43 shows the
Suspend and Resume command bus-cycles.
Note:
Issuing the Suspend command does not change the read mode of the partition. The
partition will be in Read Status Register mode from when the erase or program
command was first issued, unless the read mode was changed prior to issuing the
Suspend command.
Table 42: Blank Check Command Bus Cycles
Command
Setup Write Cycle
Confirm Write Cycle
Address Bus
Data Bus
Address Bus
Data Bus
Blank Check
Block Address
00BCh
Block Address
00D0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com