Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 60 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 60 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 56Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 57Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 58Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 59Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 60Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 61Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 62Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 63Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
60
309823-10
7.3
Write Specifications
The M18 device includes specifications for different lithographies, densities, and
frequencies. For additional information on combinations, see Table 4, “M18 Product
Litho/Density/Frequency Combinations” on page 10 in the Section 2.0, “Functional
Description.
Table 22: AC Write Specifications
Number
Symbol
Parameter (1, 2)
Min
Max
Units
Notes
W1
tPHWL
RST# high recovery to WE# low
150
—
ns
1,2,3
W2
tELWL
CE# setup to WE# low
0
—
ns
1,2
W3
tWLWH
WE# write pulse width low
40
—
ns
1,2,4
W4
tDVWH
Data setup to WE# high
40
—
ns
1,2
W5
tAVWH
Address setup to WE# high
40
—
ns
W6
tWHEH
CE# hold from WE# high
0
—
ns
W7
tWHDX
Data hold from WE# high
0
—
ns
W8
tWHAX
Address hold from WE# high (non-mux only)
0
—
ns
W9
tWHWL
WE# pulse width high
20
—
ns
1,2,5
W10
tVPWH
VPP setup to WE# high
200
—
ns
1,2,3,7
W11
tQVVL
VPP hold from Status read
0
—
ns
W12
tQVBL
WP# hold from Status read
0
—
ns
W13
tBHWH
WP# setup to WE# high
200
—
ns
W14
tWHGL
WE# high to OE# low
0
—
ns
1,2,8
W15
tVLWH
ADV# low to WE# high (AD-Mux only)
55
—
ns
1,2
W16
tWHQV
WE# high to read valid
tAVQV+30
—
ns
1,2,3,9
Write to Synchronous Read Specifications
W19
tWHCH
WE# high to Clock high
15
—
ns
1,2,3,6,9
W27
tWHEL
WE# high to CE# low
9
—
ns
1,2,3,6,9
W28
tWHVL
WE# high to ADV# low
7
—
ns
1,2,3,6,9
Bus Write with Active Clock Specifications
W21
tVHWL
ADV# high to WE# low
—
27
ns
1,2,10,11
W22
tCHWL
Clock high to WE# low
—
27
ns
Notes:
1.
Write timing characteristics during erase suspend are the same as write-only operations.
2.
A write operation can be terminated with either CE# or WE#.
3.
Sampled, not 100% tested.
4.
Write pulse width low (tWLWH or tELEH) is defined from CE# or WE# low (whichever occurs last) to CE# or WE# high
(whichever occurs first). Hence, tWLWH = tELEH = tWLEH = tELWH.
5.
Write pulse width high (tWHWL or tEHEL) is defined from CE# or WE# high (whichever occurs first) to CE# or WE# low
(whichever occurs last). Hence, tWHWL = tEHEL = tWHEL = tEHWL).
6.
tWHCH must be met when transitioning from a write cycle to a synchronous burst read. In addition there must be a CE#
toggle after WE# goes high.
7.
VPP and WP# should be at a valid level until erase or program success is determined.
8.
When doing a Read Status operation following any command that alters the Status Register data, W14 is 20ns.
9.
Add 10ns if the write operations results in a RCR or block lock status change, for the subsequent read operation to reflect
this change.
10.
This specification is applicable only if the part is configured in synchronous mode and an active clock is running. Either
tVHWL or tCHWL must be met depending on the whether the address is latched on ADV# or CLK.
11.
These specifications are not applicable to 133 MHz devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com