Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 46 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 46 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 43Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 45Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 46Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 47Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 48Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 49Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 50Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
46
309823-10
6.3
DC Voltage Specifications
IPPE
VPP Erase
0.05
0.1
mA
VPP = VPPL = VPPH, erase
in progress
3
IPPBC
VPP Blank Check
0.05
0.1
mA
VPP = VPPL = VPPH, blank
check in progress
3
Notes:
1.
All currents are RMS unless noted. Typical values at typical VCC, TC = +25 °C.
2.
ICCS is the average current measured over any 5 ms time interval 5 µs after CE# is deasserted.
3.
Sampled, not 100% tested.
4.
VCC read + program current is the sum of VCC read and VCC program currents.
5.
VCC read + erase current is the sum of VCC read and VCC erase currents.
6.
ICCES is specified with the device deselected. If device is read while in erase suspend, current is ICCES plus ICCR
7.
ICCW, ICCE measured over typical or max times specified in Section 7.4, “Program and Erase
Characteristics” on page 68
8.
IDPD is the current measured 40 µs after entering DPD.
Table 14: DC Voltage Specifications
Symbol
Parameter
VCCQ
1.7 V – 2.0 V
Unit
Test Condition
Notes
Min
Max
VIL
Input Low Voltage
0
0.4
V
—1
VIH
Input High Voltage
VCCQ –0.4
VCCQ
——
VOL
Output Low Voltage
—
0.1
VCC = VCCMIN
VCCQ = VCCQMIN
IOL = 100 µA
—
VOH
Output High Voltage
VCCQ –0.1
—
VCC = VCCMIN
VCCQ = VCCQMIN
IOH = –100 µA
—
VPPLK
VPP Lock-Out Voltage
—
0.4
—
2
VLKO
VCC Lock Voltage
1.0
—
—
—
VLKOQ
VCCQ Lock Voltage
0.9
—
—
—
Notes:
1.
During signal transitions, voltage can undershoot to –1.0 V and overshoot to maximum VCCQ+1.0 V for durations of < 2
ns.
2.
VPP ≤ VPPLK inhibits erase and program operations. Do not use VPPL and VPPH outside their valid ranges.
Table 13: DC Current Specifications (Sheet 3 of 3)
Sym
Parameter
Litho
(nm)
Density
(Mbit)
1.7 V – 2.0 V
Unit
Test Conditions
Notes
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com