Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 71 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 71 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 67Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 68Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 69Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 73Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 74Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 75Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 139 page
background image
April 2008
Datasheet
309823-10
71
Numonyx™ StrataFlash® Cellular Memory (M18)
8.0
NOR Flash Bus Interface
The flash device uses low-true control signal inputs, and is selected by asserting the
chip enable (CE#) input. The output enable (OE#) input is asserted for read
operations, while the write enable (WE#) input is asserted for write operations. OE#
and WE# should never be asserted at the same time; otherwise, indeterminate device
operation will result. All bus cycles to or from the flash memory conform to standard
microcontroller bus cycles.
Commands are written to the device to control all operations.
Table 27 shows the logic levels that must be applied to the control-signal inputs of the
device for the various bus operations.
Notes:
1.
X = Don’t care (High or Low)
2.
DPD polarity determined by ECR14. Shown low-true here.
8.1
Bus Reads
To perform a read operation, both CE# and OE# must be asserted; #RST# and WE#
must be deasserted. OE# is the data-output control and when asserted, the output
data is driven on to the data I/O bus. All read operations are independent of the
voltage level on VPP.
The Automatic Power Savings (APS) feature provides low power operation following
reads during active mode. After data is read from the memory array and the address
lines are quiescent, APS automatically places the device into standby. In APS, device
current is reduced to ICCAPS.
The device supports two read configurations:
• Asynchronous reads. RCR15 = 1. This is the default configuration after power-up/
reset.
— Non-multiplexed devices support asynchronous page-mode reads. AD-
Multiplexed devices support only asychronous single-word reads.
• Synchronous Burst reads. RCR15 = 0.
Table 27: Flash Memory Control Signals
Operation
RST#
DPD2
CE#1
OE#1
WE#1
Address1
Data I/O
Reset
Low
High
X
X
X
X
High-Z
Read
High
High
Low
Low
High
Valid
Output
Output Disable
High
High
Low
High
High
X
High-Z
Write
High
High
Low
High
Valid
Input
High
High
High
Low
Valid
Input
Standby
High
High
High
X
X
X
High-Z
Deep Power-Down
High
Low
High
X
X
X
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com