Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 97 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 97 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 93Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 94Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 95Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 96Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 97Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 98Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 99Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 100Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 101Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 139 page
background image
April 2008
Datasheet
309823-10
97
Numonyx™ StrataFlash® Cellular Memory (M18)
Notes:
1.
[n,n,n] denotes logical state of WP#, DQ1,and DQ0, respectively; X = Don’t Care.
2.
[0,1,1] states should be tracked by system software to differentiate between the Hardware-Locked state and the Lock-
Down state.
9.11.2
One-Time Programmable (OTP) Registers
The device contains seventeen 128-bit One-Time Programmable (OTP) Registers, and
twoa 16-bit OTP Lock Registers, as shown in Figure 50, “2-Kbit OTP Registers” on
page 98. The OTP Lock Register 0 is used for locking the OTP Register 0, and OTP Lock
Register 1 is used for locking OTP Registers 1 through 16.
The OTP Register 0 consists of two 64-bit segments: a lower segment that is pre-
programmed with a unique 64-bit value and locked at the factory; and an upper
segment that contains all “ones” and is user-programmable. OTP Registers 1 through
16 contain all “ones” and are user-programmable.
Figure 49: Block Locking Operations
Locked
[X,0,1]
Unlocked
[X,0,0]
Locked
Down
2
[0,1,1]
Power Up
-or-
Exit from Reset
Software
Locked
[1,1,1]
Hardware
Locked
2
[0,1,1]
Unlocked
[1,1,0]
WP# = VIL
WP# = VIH
Software Control(Lock, Unlock, Lock-Down Command)
Hardware Control(WP#)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com