Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 69 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 69 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 65Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 66Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 67Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 68Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 69Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 70Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 71Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 72Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 73Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 139 page
background image
April 2008
Datasheet
309823-10
69
Numonyx™ StrataFlash® Cellular Memory (M18)
7.5
Reset Specifications
7.6
Deep Power Down Specifications
Table 25: Reset Specifications
Nbr.
Symbol
Parameter
Min
Max
Unit
Notes
P1
tPLPH
RST# pulse width low
100
ns
1,2,3,4,7
P2
tPLRH
RST# low to device reset during erase
—
25
µs
1,3,4,7
RST# low to device reset during program
—
25
1,3,4,7
P3
tVCCPH
VCC Power valid to RST# de-assertion (high)
300
—
1,4,5,6
Notes:
1.
These specifications are valid for all device versions (packages and speeds).
2.
The device may reset if tPLPH is < tPLPH MIN, but this is not guaranteed.
3.
Not applicable if RST# is tied to Vccq.
4.
Sampled, but not 100% tested.
5.
If RST# is tied to the VCC supply, device will not be ready until tVCCPH after VCC ≥ VCC min.
6.
If RST# is tied to any supply/signal with VCCQ voltage levels, the RST# input voltage must not exceed VCC until VCC ≥
VCC(min).
7.
Reset completes within tPLPH if RST# is asserted while no erase or program operation is executing.
Figure 40: Reset Operation Timing
(A) Reset during
read mode
(B) Reset during
program or block erase
P1
≤ P2
(C) Reset during
program or block erase
P1
≥ P2
V
IH
V
IL
V
IH
V
IL
V
IH
V
IL
RST# [P]
RST# [P]
RST# [P]
Abort
Complete
Abort
Complete
V
CC
0V
V
CC
(D) VCC Power-up to
RST# high
P1
R5
P2
P3
P2
R5
R5
Table 26: Deep Power Down Specifications (Sheet 1 of 2)
Nbr.
Symbol
Parameter
Min
Max
Unit
Notes
S1
tSLSH (tSHSL)
DPD asserted pulse width
100
—
ns
1,2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com