Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 41 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 41 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 37Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 38Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 39Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 40Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 41Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 42Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 43Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 45Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 139 page
background image
April 2008
Datasheet
309823-10
41
Numonyx™ StrataFlash® Cellular Memory (M18)
F[2:1]-VCC
Power
FLASH CORE POWER SUPPLY: Flash specific.
F-VCC supplies the core power to the flash die.
• F1-VCC is dedicated for NOR die.
• F2-VCC is used for NAND die when available. Otherwise, this signal is for NOR die. (When
NAND is available, the F2-VCC signal is named N-VCC.)
D-VCC
Power
LPSDRAM CORE POWER SUPPLY: LPSDRAM specific.
D-VCC supplies the core power to the LPSDRAM die.
1
S-VCC
Power
SRAM POWER SUPPLY: SRAM specific.
S-VCC supplies the core power to the SRAM die.
VCCQ
Power
FLASH I/O POWER SUPPLY: Global device I/O power.
VCCQ supplies the device input/output driver voltage to the flash die.
D-VDDQ
Power
LPSDRAM I/O POWER SUPPLY: Global device I/O power.
VDDQ supplies the device input/output driver voltage to the LPSDRAM die.
1
VSS
Ground
FLASH DEVICE GROUND: Global ground reference for all flash signals and power supplies.
Connect all A: VSS balls to system ground. Do not float any VSS connections.
D-VSS
Ground
LPSDRAM DEVICE GROUND: Global ground reference for all LPSDRAM signals and power
supplies.
Connect all B: D-VSS balls to system ground. Do not float any VSS connections.
1
DU
—
DO NOT USE:
Do not connect this ball to any power supplies, signals, or other balls. This ball can be left
floating.
RFU
—
RESERVED for FUTURE USE:
Reserved by Numonyx for future device functionality and enhancement. This ball must be left
floating.
Notes:
6.
Available only on stacked device combinations with NAND, and/or LPSDRAM die. Otherwise, treat the signal as RFU.
Table 9:
Signal Descriptions, x16 Split Bus, Non-Mux (Sheet 4 of 4)
Symbol
Type
Signal Descriptions
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com