Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 48 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 48 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 44Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 45Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 46Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 47Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 48Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 49Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 50Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 51Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 52Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
48
309823-10
7.0
NOR Flash AC Characteristics
Timing symbols used in the timing diagrams within this document conform to the
following conventions:
Note:
Exceptions to this conventions include tACC and tAPA. tACC is a generic timing symbol
that refers to the aggregate initial-access delay as determined by tAVQV, tELQV, and
tGLQV (whichever is satisfied last) of the flash device. tAPA is specified in the flash
device datasheet, and is the address-to-data delay for subsequent page-mode reads.
7.1
AC Test Conditions
Note:
AC test inputs are driven at VCCQ for Logic ‘1’ and 0.0 V for Logic ‘0’. Input/output timing begins and ends at VCCQ/2.
Figure 17: Timing Symbol Notation Convention
Table 16: Codes for Timing Signals and Timing States
Signal
Code
State
Code
Address
A
High
H
Data - Read
Q
Low
L
Data - Write
D
High-Z
Z
Chip Enable (CE#)
E
Low-Z
X
Output Enable (OE#)
G
Valid
V
Write Enable (WE#)
W
Invalid
I
Address Valid (ADV#)
V
—
—
Reset (RST#)
P
—
—
Clock (CLK)
C
—
—
WAIT
T
—
—
Figure 18: AC Input/Output Reference Waveform
E
t
L Q V
Source Signal
Target State
Source State
Target Signal
V
CCQ
0V
V
CC Q
/2
V
CCQ
/2
Te st Points
Input
Output
V
IH
V
IL
t
RISE/FALL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com