Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS48F4400P0P3C0 Datasheet(PDF) 84 Page - Numonyx B.V

Part # JS48F4400P0P3C0
Description  StrataFlash짰 Cellular Memory
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS48F4400P0P3C0 Datasheet(HTML) 84 Page - Numonyx B.V

Back Button JS48F4400P0P3C0 Datasheet HTML 80Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 81Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 82Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 83Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 84Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 85Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 86Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 87Page - Numonyx B.V JS48F4400P0P3C0 Datasheet HTML 88Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 139 page
background image
Numonyx™ StrataFlash® Cellular Memory (M18)
Datasheet
April 2008
84
309823-10
9.5.1
Control Mode
Control Mode programming is invoked when only the A-half (A3 = 0) of the
programming region is programmed to 0s, as shown in Figure 47, “Configurable
Programming Regions: Control Mode and Object Mode” on page 85. The B-half (A3 =
1) remains erased. Control mode allows up to 512 bytes of data to be programmed in
the region. The information can be programmed in bits, bytes, or words.
Control Mode supports the following programming methods:
— Single-word Programming (0041h)
— Buffered Programming (00E9h/00D0h), and
— Buffered Enhanced Factory Programming (0080h/00D0h)
When buffered programming is used in Control Mode, all addresses must be in the A-
half of the buffer (A3 = 0). During buffer fill, the B-half (A3 = 1) addresses do not need
to be filled with 0xFFFF.
Control Mode programming is useful for storing dynamic information, such as FFS
Headers, File Info, and so on. Typically, Control Mode programming does not require
the entire 512 bytes of data to be programmed at once. It may also contain data that is
changed after initial programming using a technique known as “bit twiddling”. Header
information can be augmented later with additional new information within a Control
Mode-programmed region. This allows implementation of legacy file systems, as well as
transaction-based power-loss recovery.
In a control mode region, programming operations can be performed multiple times.
However, care must be taken to avoid programming any zero’s in the B-half (A3 = 1) of
the region. Violation of this usage will cause SR4 and SR9 to be set, and the program
operation will be aborted. See Table 38, “Programming Region Next State Table” on
page 88 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com