Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 39Page - Renesas Technology Corp RZ/T2M Datasheet HTML 40Page - Renesas Technology Corp RZ/T2M Datasheet HTML 41Page - Renesas Technology Corp RZ/T2M Datasheet HTML 42Page - Renesas Technology Corp RZ/T2M Datasheet HTML 43Page - Renesas Technology Corp RZ/T2M Datasheet HTML 44Page - Renesas Technology Corp RZ/T2M Datasheet HTML 45Page - Renesas Technology Corp RZ/T2M Datasheet HTML 46Page - Renesas Technology Corp RZ/T2M Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
1.9
LQFP 128 Pin Assignments
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
VCC33
P01_6
P01_7
P02_1
P02_0
P02_2
P02_3
TRST#
VDD
P02_4
P02_5
P02_7
P02_6
P03_0
BSCANP
P03_2
P03_3
P03_4
P03_5
P03_6
P03_7
P04_0
VDD
P04_2
P04_1
P04_4
P04_3
P04_5
P04_6
P05_0
P05_2
P04_7
P05_1
P05_3
VDD
P05_4
VDD
VCC33
VCC33
P18_7
VDD
P18_6
P18_5
P18_4
P18_2
P18_3
P18_1
P17_7
P18_0
P17_6
P17_5
P17_4
P17_3
P17_0
VDD
P16_3
P16_2
P16_1
P16_0
P15_7
VDD
P15_2
P15_1
P15_0
P14_7
P14_6
VDD
P13_2
P13_3
P13_1
P12_7
P13_0
P12_6
P12_5
P12_4
VCC33
Note:
VSS is assigned to Exposed PAD on the QFP package bottom. The PAD must be connected to the ground (0 V).
Figure 1.5
Pin arrangement (128-pin LQFP) (top view)
Table 1.21
List of pins and pin functions (128-pin LQFP) (1 of 4)
Pin
number
Power supply clock
system control
I/O port
Bus
Timer (MTU3, POE3,
GPT / POEG, CMTW,
RTC)
Communication (SCI, IIC, GMAC,
ETHSW, ESC, USB, CANFD, SPI,
xSPI)
DSMIF
Interrupt
ADC12
Encoder I/F
1
VCC33
2
TRACEDATA0
P01_6
A20
MTIOC1A / GTIOC9A
CTS1# / CANTXDP1
ENCIF0
3
TRACEDATA1
P01_7
A19
MTIOC1B / GTIOC9B
SCK1 / CANRX0 / SPI_RSPCK3
ADTRG0#
ENCIF1
4
MDW
P02_1
A17
5
TRACEDATA2
P02_0
A18
GTADSML0
RXD1 / SCL1 / MISO1 /
USB_OTGID / CANTX1 /
SPI_MISO3
IRQ4
ENCIF2
6
P02_2
A16
MTIOC2A / POE10# /
GTIOC10A / RTCAT1HZ
TXD1 / SDA1 / MOSI1 / CANTX0 /
SPI_MOSI3
IRQ14
ENCIF3
7
P02_3
A15 / WE3# /
DQMUU / AH#
MTIOC2B / POE11# /
GTIOC10B
SS1# / CTS1# / RTS1# /
CANRX1 / SPI_SSL30
IRQ15
ENCIF4
8
TRST#
9
VDD
10
TDO
P02_4
WE0# / DQMLL
DE1 / SPI_SSL33
11
TDI
P02_5
WE1# / DQMLU
SCK5 / SPI_SSL31
ENCIF5
12
TCK
P02_7
TXD5 / SDA5 / MOSI5
ENCIF7
13
TMS
P02_6
RXD5 / SCL5 / MISO5
ENCIF6
14
TRACEDATA3
P03_0
A14 / CS5#
GTADSML1
SCK2 / CANTXDP1 / SPI_SSL32
IRQ14
ENCIF8
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 43 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com