Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 4Page - Renesas Technology Corp RZ/T2M Datasheet HTML 5Page - Renesas Technology Corp RZ/T2M Datasheet HTML 6Page - Renesas Technology Corp RZ/T2M Datasheet HTML 7Page - Renesas Technology Corp RZ/T2M Datasheet HTML 8Page - Renesas Technology Corp RZ/T2M Datasheet HTML 9Page - Renesas Technology Corp RZ/T2M Datasheet HTML 10Page - Renesas Technology Corp RZ/T2M Datasheet HTML 11Page - Renesas Technology Corp RZ/T2M Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 128 page
background image
Note 2. GMAC, ETHSW, and ESC are not supported for 176-pin and 128-pin devices. The 225-pin product also has devices which do not
support GMAC, ETHSW, and ESC.
Note 3. Classical CAN mode only for 176-pin and 128-pin devices. The 320-pin and 225-pin products have devices with Classical CAN
mode only.
Table 1.9
Analog
Feature
Functional description
12-bit A/D converter (ADC12)
● 12 bits × 2 units (unit 0: 8 channels, unit 1: 16 channels)
● 12-bit resolution
● Conversion time
0.84 µs per channel
● Operating mode
Scan mode (single scan mode, continuous scan mode, or 3 group scan mode)
Group priority control
● Sample-and-hold function
Common sample-and-hold circuit included
In addition, channel-dedicated sample-and-hold function (3 channels: in unit 0 only)
included
● Sampling variable
Sampling time can be set up for each channel
● Double trigger mode (A/D conversion data duplicated)
● Three ways to start A/D conversion
Software trigger, timer (MTU3, ELC) trigger, external trigger
● Event linking by the ELC
Temperature sensor unit (TSU)
● 1 channel
● Relative precision: ±1°C (typ)
Table 1.10
Hardware accelerator for industrial interfaces
Feature
Functional description
ΔΣ interface (DSMIF)
● 3 channels × 2 units
● Selectable 2 inputs (U/V) or 3 inputs (U/V/W)
● Up to 6 ΔΣ modulators are externally connectable
● Sinc filter can be selected as first, second or third order
● Direct error connection to POE3 and POEG
Trigonometric function unit (TFU)
Calculation of sine, cosine, arctangent, hypot_k (
x2+y2/k)
● Simultaneous calculation of sine and cosine
● Simultaneous calculation of arctangent and hypot_k
Encoder interfaces*1
● EnDat 2.2, BiSS, FA-CODER*2, A-format, and HIPERFACE DSL-compliant interfaces
Note 1. This applies to the devices with the encoder interfaces. For details, contact our sales representative.
Note 2. Under planning
Table 1.11
Safety (1 of 2)
Feature
Functional description
Memory protection unit (MPU)
● Cortex-R52 MPU
Two stages MPUs (EL2 and EL1)
24 regions each MPU
● Master MPU
Memory protection for masters except Cortex-R52 (DMAC, USB, Ethernet MAC, CoreSight)
Register write protection function
Protects important registers from being overwritten for in case a program runs out of control.
CRC calculator (CRC)
● 2 channels
● CRC code generation for arbitrary amounts of data in 8-, 16-, or 32-bit units
● Select any of four generating polynomials:
– X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1
(32-Ethernet)
– X32 + X28 + X27 + X26 + X25 + X23 + X22 + X20 + X19 + X18 + X14 + X13 + X11 + X10 +
X9 + X8 + X6 + 1 (CRC-32C)
– X16 + X15 + X2 + 1 (CRC-16)
– X16 + X12 + X5 + 1 (CRC-CCITT)
– X8 + X2 + X + 1 (CRC-8)
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 8 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com