Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 88Page - Renesas Technology Corp RZ/T2M Datasheet HTML 89Page - Renesas Technology Corp RZ/T2M Datasheet HTML 90Page - Renesas Technology Corp RZ/T2M Datasheet HTML 91Page - Renesas Technology Corp RZ/T2M Datasheet HTML 92Page - Renesas Technology Corp RZ/T2M Datasheet HTML 93Page - Renesas Technology Corp RZ/T2M Datasheet HTML 94Page - Renesas Technology Corp RZ/T2M Datasheet HTML 95Page - Renesas Technology Corp RZ/T2M Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 128 page
background image
2.5.5.8
SCI Timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (except Simple I2C)
Table 2.32
SCI timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference figure
SCI
(Asynchronous)
Input clock cycle
tScyc
4
tPSCIcyc
Figure 2.55
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
3
ns
Input clock fall time
tSCKf
3
ns
Output clock cycle
tScyc
6
tPSCIcyc
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
tSCKr
3
ns
Output clock fall time
tSCKf
3
ns
SCI
(Simple I2C,
Standard mode)
SDA input rise time
tSr
1000
ns
Figure 2.56
SDA input fall time
tSf
300
ns
SCL, SDA input spike pulse removal
time
tSP
0
2 × NFcyc*1
ns
Data input setup time
tSDAS
250
ns
Data input hold time
tSDAH
0
ns
SCL, SDA capacitive load
Cb
400
pF
SCI
(Simple I2C,
Fast mode)
SDA input rise time
tSr
300
ns
Figure 2.56
SDA input fall time
tSf
300
ns
SCL, SDA input spike pulse removal
time
tSP
0
2 × NFcyc*1
ns
Data input setup time
tSDAS
100
ns
Data input hold time
tSDAH
0
ns
SCL, SDA capacitive load
Cb
400
pF
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 92 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com