Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 86Page - Renesas Technology Corp RZ/T2M Datasheet HTML 87Page - Renesas Technology Corp RZ/T2M Datasheet HTML 88Page - Renesas Technology Corp RZ/T2M Datasheet HTML 89Page - Renesas Technology Corp RZ/T2M Datasheet HTML 90Page - Renesas Technology Corp RZ/T2M Datasheet HTML 91Page - Renesas Technology Corp RZ/T2M Datasheet HTML 92Page - Renesas Technology Corp RZ/T2M Datasheet HTML 93Page - Renesas Technology Corp RZ/T2M Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 128 page
background image
PCLKH
tGTEW
External trigger
Figure 2.48
GPT external trigger input timing
2.5.5.6
POEG Timing
Table 2.30
POEG timing
Parameter
Symbol
Min.
Max.
Unit*1
Reference figure
POEG
GTETRGn input pulse width (n = A to D)
tPOEGW
2.5
tPHcyc
Figure 2.49
Output
disable time
Input level detection of the
GTETRGn pin (via flag)
tPOEGDI
3 × PCLKH
+ 0.1
µs
Figure 2.50
Detection of the output stopping
signal from GPT (dead time
error, simultaneous high output,
or simultaneous low output)
tPOEGDO
0.1
µs
Figure 2.51
Register setting
tPOEGDS
PCLKH +
0.1
µs
Figure 2.52
Oscillation stop detection
tPOEGDOS
74
µs
Figure 2.53
Note 1. tPHcyc: PCLKH cycle (LLPP channels), PCLKL cycle (Other channels)
PCLKL, PCLKH
GTETRGn input
(n = A to D)
tPOEGW
Figure 2.49
POEG input timing
Outputs disabled
GPT PWM output pins
POEGGn.PIDF flag
(n = A to D)
GTETRGn input
(n = A to D)
tPOEGW
tPOEGDI
Figure 2.50
Output disable time for POEG via detection flag in response to the input level detection of the
GTETRGn pin
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 90 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com