Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 92Page - Renesas Technology Corp RZ/T2M Datasheet HTML 93Page - Renesas Technology Corp RZ/T2M Datasheet HTML 94Page - Renesas Technology Corp RZ/T2M Datasheet HTML 95Page - Renesas Technology Corp RZ/T2M Datasheet HTML 96Page - Renesas Technology Corp RZ/T2M Datasheet HTML 97Page - Renesas Technology Corp RZ/T2M Datasheet HTML 98Page - Renesas Technology Corp RZ/T2M Datasheet HTML 99Page - Renesas Technology Corp RZ/T2M Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 128 page
background image
SSn
input
SCKn
CPOL = 0
input
SCKn
CPOL = 1
input
MISOn
output
MOSIn
input
tLEAD
tLAG
MSB IN
DATA
LSB IN
MSB IN
MSB OUT
(Last data)
DATA
LSB OUT
LSB OUT
MSB OUT
tOD
tREL
tOH
tSA
tDr, tDf
tSU
tH
tSSR
tSSF
Figure 2.62
SCI simple SPI mode timing for slave when CPHA = 1
2.5.5.9
IIC Timing
Conditions: VOL = 0.4 V, IOL = 4 mA
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 96 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com