Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 48Page - Renesas Technology Corp RZ/T2M Datasheet HTML 49Page - Renesas Technology Corp RZ/T2M Datasheet HTML 50Page - Renesas Technology Corp RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp RZ/T2M Datasheet HTML 54Page - Renesas Technology Corp RZ/T2M Datasheet HTML 55Page - Renesas Technology Corp RZ/T2M Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 128 page
background image
Table 2.9
USB2.0 Host/Function-Related Pins (High Speed) (2 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output low level voltage
VHSOL
−10.0
10.0
mV
Chirp J output voltage (differential)
VCHIRPJ
700
1100
mV
Chirp K output voltage (differential)
VCHIRPK
−900
−500
mV
Table 2.10
Supply Current
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Normal operation
Ivdd
ICLK = 200 MHz,
CPU0CLK = 800 MHz,
CPU1CLK = 800 MHz, Tj ≤ 110°C
660
mA
IVCC33
*1
30
mA
IVCC1833_0
*1
9
mA
IVCC1833_1
*1
9
mA
IVCC1833_2
*1
9
mA
IVCC1833_3
*1
9
mA
IVCC1833_4
*1
9
mA
IVCC18_PLL0
6
mA
IVCC18_PLL1
6
mA
IVCC18_USB
39
mA
IVCC18_ADC0
3
mA
IVCC18_ADC1
3
mA
IVCC18_TSU
2
mA
IVCC33_USB
6
mA
Low power consumption mode*2
Ivdd
All modules inactive
15
mA
IVCC33
6
mA
IVCC1833_0
2
mA
IVCC1833_1
2
mA
IVCC1833_2
2
mA
IVCC1833_3
2
mA
IVCC1833_4
2
mA
IVCC18_PLL0
3.5
mA
IVCC18_PLL1
0.1
mA
IVCC18_USB
0.5
mA
IVCC18_ADC0
0.2
mA
IVCC18_ADC1
0.2
mA
IVCC18_TSU
0.1
mA
IVCC33_USB
0.3
mA
Note:
These values are reference values. The actual operating current greatly depends on the system (such as unsharpened waveforms
due to I/O load and toggle frequency). Be sure to measure these current values in the system.
Note 1. IO supply current (IVCC33, IVCC1833_n (n = 0 to 4)) should be 80 mA or less. (ΣIOH in Table 2.11)
Note 2. All applicable modules are stopped or standby mode with the lowest clock frequency setting, no pull-up/down or operation for all I/O
ports, and room temperature.
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 52 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com