Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 56Page - Renesas Technology Corp RZ/T2M Datasheet HTML 57Page - Renesas Technology Corp RZ/T2M Datasheet HTML 58Page - Renesas Technology Corp RZ/T2M Datasheet HTML 59Page - Renesas Technology Corp RZ/T2M Datasheet HTML 60Page - Renesas Technology Corp RZ/T2M Datasheet HTML 61Page - Renesas Technology Corp RZ/T2M Datasheet HTML 62Page - Renesas Technology Corp RZ/T2M Datasheet HTML 63Page - Renesas Technology Corp RZ/T2M Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 128 page
background image
Table 2.22
Bus timing (2 of 2)
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 12 pF (CKIO), 12 pF (others), Tjmin = −20°C
Parameter
Symbol
CKIO = 1/tCKcyc*1
(Max 100 MHz)
Unit
Reference Figure
Min.
Max.
Read/write delay time 1
SDRAM*2
tRWD1
1.3
8
ns
Figure 2.11 to Figure 2.35
Other than the above
0
8
ns
Read strobe delay time
tRSD
1/2tCKcyc
1/2tCKcyc + 8
ns
Figure 2.11 to Figure 2.18
Read data setup time 1*3
High-drive output
tRDS1
1/2tCKcyc + 4.5 —
ns
Figure 2.11 to Figure 2.17
Normal output
1/2tCKcyc + 7
ns
Read data setup time 2*3
High-drive output
tRDS2
3.5
ns
Figure 2.19 to Figure 2.22,
Figure 2.27 to Figure 2.29
Read data setup time 3*3
High-drive output
tRDS3
1/2tCKcyc + 4.5 —
ns
Figure 2.18
Normal output
1/2tCKcyc + 7
ns
Read data hold time 1
tRDH1
0
ns
Figure 2.11 to Figure 2.17
Read data hold time 2
tRDH2
2.5
ns
Figure 2.19 to Figure 2.22,
Figure 2.27 to Figure 2.29
Read data hold time 3
tRDH3
0
ns
Figure 2.18
Write enable delay time 1
tWED1
1/2tCKcyc
1/2tCKcyc + 8
ns
Figure 2.11 to Figure 2.16
Write enable delay time 2
tWED2
9
ns
Figure 2.17
Write data delay time 1
tWDD1
8
ns
Figure 2.11 to Figure 2.17
Write data delay time 2
tWDD2
8
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 1
tWDH1
1
ns
Figure 2.11 to Figure 2.17
Write data hold time 2
tWDH2
1.3
ns
Figure 2.23 to Figure 2.26,
Figure 2.30 to Figure 2.32
Write data hold time 4
tWDH4
0
ns
Figure 2.11 to Figure 2.15
WAIT# setup time*3
High-drive output
tWTS
1/2tCKcyc + 4.5 —
ns
Figure 2.12 to Figure 2.18
Normal output
1/2tCKcyc + 8
ns
WAIT# hold time
tWTH
1/2tCKcyc + 3.5 —
ns
Figure 2.12 to Figure 2.18
RAS# delay time 1
tRASD1
1.3
8
ns
Figure 2.19 to Figure 2.35
CAS# delay time 1
tCASD1
1.3
8
ns
Figure 2.19 to Figure 2.35
DQM delay time 1
tDQMD1
1.3
8
ns
Figure 2.19 to Figure 2.32
CKE delay time 1
tCKED1
1.3
8
ns
Figure 2.34
AH# delay time
tAHD
1/2tCKcyc
1/2tCKcyc + 8
ns
Figure 2.15
Multiplex address delay time
tMAD
8
ns
Figure 2.15
Multiplex address hold time
tMAH
1
ns
Figure 2.15
Address setup time to AH#
tAVVH
1/2tCKcyc − 2
ns
Figure 2.15
DACK/TEND delay time
tDACD
See section 2.5.4. DMAC
Timing
ns
Figure 2.11 to Figure 2.32
Note:
Notation of 1/2tCKcyc in the delay time, setup time, and hold time shows 1/2 cycles from the clock rising edge, that is, the reference
of clock falling.
Note 1. Take the number of cycles of waiting that suits the system configuration into consideration with regard to the fmax value for CKIO
(the external bus clock). When CKIO is running at 50 MHz or a higher frequency, select high drive output.
Note 2. These are values when SDRAM (CSnBCR.TYPE[2:0] = 100b) is selected in the CSn space bus control register (CSnBCR) and
high-drive output is selected for CKIO.
Note 3. These are values when high-drive output and normal output are respectively selected for CKIO.
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 60 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com