Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 13Page - Renesas Technology Corp RZ/T2M Datasheet HTML 14Page - Renesas Technology Corp RZ/T2M Datasheet HTML 15Page - Renesas Technology Corp RZ/T2M Datasheet HTML 16Page - Renesas Technology Corp RZ/T2M Datasheet HTML 17Page - Renesas Technology Corp RZ/T2M Datasheet HTML 18Page - Renesas Technology Corp RZ/T2M Datasheet HTML 19Page - Renesas Technology Corp RZ/T2M Datasheet HTML 20Page - Renesas Technology Corp RZ/T2M Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 128 page
background image
Table 1.17
Pin functions (5 of 7)
Classification
Pin name
I/O
Description
Serial communication
interface (SCI)
SCK0 to SCK5
I/O
Clock I/O pins (clock synchronous mode/simple SPI
mode/smart card mode)
RXD0 to RXD5
Input
Input the receive data (asynchronous mode/clock
synchronous mode/smart card mode)
TXD0 to TXD5
Output
Output the transmit data (asynchronous mode/clock
synchronous mode/smart card mode)
CTS0# to CTS5#
Input
Input the start of transmission (asynchronous mode/
clock synchronous mode) active-low
RTS0# to RTS5#
Output
Output the reception (asynchronous mode/clock
synchronous mode) active-low
SCL0 to SCL5
I/O
Input/output the I2C clocks (simple I2C mode)
SDA0 to SDA5
I/O
Input/output the I2C data (simple I2C mode)
MISO0 to MISO5
I/O
Input/output the data for slave transmission (simple SPI
mode)
MOSI0 to MOSI5
I/O
Input/output the data for master transmission (simple
SPI mode)
SS0# to SS5#
Input
Chip-select input pins (simple SPI mode) active-low
DE0 to DE5
Output
Driver enable output pins (asynchronous mode)
I2C bus interface (IIC)
IIC_SCL0 to IIC_SCL2
I/O
Clock I/O pins
IIC_SDA0 to IIC_SDA2
I/O
Data I/O pins
Ethernet
ETH0_TXCLK to ETH2_TXCLK
I/O
TX clock input pins (MII mode)
TX clock output pins (RGMII mode)
ETH0_TXD0 to ETH2_TXD0
Output
TX data 0 pins (RGMII, RMII, and MII modes)
ETH0_TXD1 to ETH2_TXD1
Output
TX data 1 pins (RGMII, RMII, and MII modes)
ETH0_TXD2 to ETH2_TXD2
Output
TX data 2 pins (RGMII and MII modes)
ETH0_TXD3 to ETH2_TXD3
Output
TX data 3 pins (RGMII and MII modes)
ETH0_TXEN to ETH2_TXEN
Output
TX data enable pins (RMII and MII modes)
TX data enable/TX data error (TX_CTL) pins (RGMII
mode)
ETH0_TXER to ETH2_TXER
Output
TX data error pins (MII mode)
ETH0_RXCLK to ETH2_RXCLK
Input
RX clock pins (RGMII, RMII, and MII modes)
ETH0_RXD0 to ETH2_RXD0
Input
RX data 0 pins (RGMII, RMII, and MII modes)
ETH0_RXD1 to ETH2_RXD1
Input
RX data 1 pins (RGMII, RMII, and MII modes)
ETH0_RXD2 to ETH2_RXD2
Input
RX data 2 pins (RGMII and MII modes)
ETH0_RXD3 to ETH2_RXD3
Input
RX data 3 pins (RGMII and MII modes)
ETH0_RXDV to ETH2_RXDV
Input
RX data valid pins (MII mode)
Carrier sense/RX data valid (CRS_DV) pins (RMII
mode)
RX data valid/RX error (RX_CTL) pins (RGMII mode)
ETH0_RXER to ETH2_RXER
Input
RX data error pins (RMII and MII modes)
ETH0_CRS to ETH2_CRS
Input
Carrier sense pins (MII mode)
ETH0_COL to ETH2_COL
Input
Collision detection pins (MII mode)
Ethernet MAC (GMAC)
GMAC_PTPTRG0
Input
PTP timer trigger external input 0
GMAC_PTPTRG1
Input
PTP timer trigger external input 1
GMAC_MDC
Output
Management data clock output pin
GMAC_MDIO
I/O
Management data I/O pin
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 17 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com