Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 49Page - Renesas Technology Corp RZ/T2M Datasheet HTML 50Page - Renesas Technology Corp RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp RZ/T2M Datasheet HTML 54Page - Renesas Technology Corp RZ/T2M Datasheet HTML 55Page - Renesas Technology Corp RZ/T2M Datasheet HTML 56Page - Renesas Technology Corp RZ/T2M Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Table 2.11
Permissible Output Currents
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Permissible output low current (max.
value per pin)
IOL
All output pins
12
mA
Permissible output low current (total)
ΣIOL
Sum of all output pins
80
mA
Permissible output high current (max.
value per pin)
IOH
All output pins
-12
mA
Permissible output high current (total)
ΣIOH
Sum of all output pins
-80
mA
Note:
All output current values shall be within the values in this table to ensure the reliability of this LSI.
Table 2.12
Thermal Resistance value (Reference)
Item
Symbol
Package
Max.
Unit
Thermal Resistance
Θja
320 pin FBGA 17 × 17 mm, 0.8-mm pitch
25.0
°C/W
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
25.3
°C/W
176 pin LQFP (Exposed Die Pad) 24 × 24 mm, 0.5-mm pitch
15.6
°C/W
128 pin LQFP (Exposed Die Pad) 20 × 14 mm, 0.5-mm pitch
15.4
°C/W
Ψjt
320 pin FBGA 17 × 17 mm, 0.8-mm pitch
0.30
°C/W
225 pin FBGA 13 × 13 mm, 0.8-mm pitch
0.31
°C/W
176 pin LQFP (Exposed Die Pad) 24 × 24 mm, 0.5-mm pitch
0.29
°C/W
128 pin LQFP (Exposed Die Pad) 20 × 14 mm, 0.5-mm pitch
0.30
°C/W
Note:
Package thermal resistance values above are based on EIA/JESD51-9 (2s2p) condition and reference only.
2.5
AC Characteristics
Table 2.13
Operating frequency
Parameter
Symbol
Min.
Max.
Unit
Operating
frequency
CPU clock (CPUnCLK, n = 0, 1)
f
150
200
600
800
MHz
System clock (ICLK)
150
200
Peripheral module clock H (PCLKH)
150
200
Peripheral module clock M (PCLKM)
75
100
Peripheral module clock L (PCLKL)
37.5
50
Peripheral module clock for ADC (PCLKADC)
18.75
25
Peripheral module clock for SCIn (PCLKSCIn, n = 0 to 5)
75
100
Peripheral module clock for SPIn (PCLKSPIn, n = 0 to 3)
75
100
External bus clock output (CKIO)
18.75
100
Ethernet PHY reference clock (ETHn_REFCLK, n = 0 to 2)
25
Ethernet PHY reference clock (RMIIn_REFCLK, n = 0 to 2)
50
AC Characteristics are defined in condition of the IO setting (DRCTLm register setting) show in Table 2.14.
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 53 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com