Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp RZ/T2M Datasheet HTML 54Page - Renesas Technology Corp RZ/T2M Datasheet HTML 55Page - Renesas Technology Corp RZ/T2M Datasheet HTML 56Page - Renesas Technology Corp RZ/T2M Datasheet HTML 57Page - Renesas Technology Corp RZ/T2M Datasheet HTML 58Page - Renesas Technology Corp RZ/T2M Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 128 page
background image
CKIO pin output
tCKcyc
1/2 VCC33
tCKH
tCKL
tCKf
tCKr
VOH33
VOH33
VOL33
1/2 VCC33
VOL33
VOH33
Figure 2.2
CKIO pin output timing
2.5.1.2
Ethernet PHY Reference Clock Output Timing
Conditions:
C = 30 pF (ETHn_REFCLK)
C = 20 pF (RMIIn_REFCLK)
Table 2.16
Ethernet PHY reference clock output timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ETHn_REFCLK cycle time
tCK
40
ns
ETHn_REFCLK frequency
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
ETHn_REFCLK duty
45
55
%
ETHn_REFCLK rising/falling time
tCKr / tCKf
0.5
4.0
ns
RMIIn_REFCLK cycle time
tCK
20
ns
RMIIn_REFCLK frequency
50.00 ± 50 ppm
MHz
RMIIn_REFCLK duty
45
55
%
RMIIn_REFCLK rising/falling time
tCKr / tCKf
0.5
3.5
ns
ETHn_REFCLK
RMIIn_REFCLK
output
tCK
1/2 VCC1833_n
tCKf
tCKr
VOH
VOL
1/2 VCC1833_n
VOL
VOH
Figure 2.3
Ethernet PHY reference clock output timing
2.5.1.3
EXTCLKIN External Clock Input
Table 2.17
EXTCLKIN clock timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
EXTCLKIN external clock frequency
fEXTCLKIN
25.00 ± 50 ppm
MHz
EtherCAT in use
25.00 ± 25 ppm
MHz
EXTCLKIN duty
rEXTCLKIN
±5%
EXTCLKIN rising time
trEXTCLKIN
0
5
ns
EXTCLKIN falling time
tfEXTCLKIN
0
5
ns
Note:
When using crystal resonator (i.e. EXTAL/XTAL clock is used), EXTCLKIN should be driven low.
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 55 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com