Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 47Page - Renesas Technology Corp RZ/T2M Datasheet HTML 48Page - Renesas Technology Corp RZ/T2M Datasheet HTML 49Page - Renesas Technology Corp RZ/T2M Datasheet HTML 50Page - Renesas Technology Corp RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp RZ/T2M Datasheet HTML 54Page - Renesas Technology Corp RZ/T2M Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
Table 2.5
DC Characteristics (1.8-V mode) (2 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Low-level voltage
VOL18
Low, IOL = 2 mA
0.45
V
VOL18
Middle, IOL = 4 mA
0.45
V
VOL18
High, IOL = 8 mA
0.45
V
VOL18
Ultra High, IOL = 12 mA
0.45
V
Input leakage current
|Iin|
Vin = 0 V, Vin = VCC18
10
µA
Three-State leakage current (off state)
|ITSI|
Vin = 0 V, Vin = VCC18
10
µA
Input Pull-up resistors resistance
Rpu
Vin = 0 V
15
300
kΩ
Input Pull-up resistors current
Ipu
Vin = 0 V
-120
-6
µA
Input Pull-down resistors resistance
Rpd
Vin = VCC18
15
300
kΩ
Input Pull-down resistors current
Ipd
Vin = VCC18
6
120
µA
Input Capacitance
BGA package
Cin
All input/output and input pins
10
pF
QFP package
13
Table 2.6
USB2.0 USB_RREF Pin
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reference resistor*1
RREF
1.8 (±1%)
kΩ
Note 1. The reference resistor connected to the USB_RREF pin is for external connection to this LSI.
Table 2.7
USB2.0 Pull-Up/Pull-Down Resistors
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
USB_DP pull-up resistor
(when the function controller is selected)
RPU
Idle
0.900
1.575
kΩ
Transmission/reception
1.425
3.090
kΩ
USB_DP/USB_DM pull-down resistors
(when the host controller is selected)
RPD
14.25
24.80
kΩ
Table 2.8
USB2.0 Host/Function-Related Pins (Low/Full Speed)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input high level voltage
VFSIH
2.0
V
Input low level voltage
VFSIL
0.8
V
Differential input sensitivity
VFSDI
|(USB_DP) − (USB_DM)|
0.2
V
Differential common mode range
VFSCM
0.8
2.5
V
Output low level voltage
VFSOL
IFSOL = 2 mA
0.0
0.3
V
Output high level voltage
VFSOH
IFSOH = −200 µA
2.8
3.6
V
Output signal crossover voltage
VFSCRS
1.3
2.0
V
Table 2.9
USB2.0 Host/Function-Related Pins (High Speed) (1 of 2)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Squelch detection threshold voltage
(differential voltage)
VHSSQ
100
150
mV
Disconnection detection threshold
voltage (differential voltage)
VHSDSC
525
625
mV
Common mode voltage range
VHSCM
−50
500
mV
Idle state
VHSOI
−10.0
10.0
mV
Output high level voltage
VHSOH
360
440
mV
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 51 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com