Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 3Page - Renesas Technology Corp RZ/T2M Datasheet HTML 4Page - Renesas Technology Corp RZ/T2M Datasheet HTML 5Page - Renesas Technology Corp RZ/T2M Datasheet HTML 6Page - Renesas Technology Corp RZ/T2M Datasheet HTML 7Page - Renesas Technology Corp RZ/T2M Datasheet HTML 8Page - Renesas Technology Corp RZ/T2M Datasheet HTML 9Page - Renesas Technology Corp RZ/T2M Datasheet HTML 10Page - Renesas Technology Corp RZ/T2M Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 128 page
background image
Table 1.8
Communication interfaces (2 of 2)
Feature
Functional description
Serial communication interface (SCI)
● 6 channels
● 5 communication mode
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple I2C (master-only)
– Simple SPI
– Smart card interface
● Clock source is select from among four internal clock signals
● Bit rate specifiable with the on-chip baud rate generator
● Full-duplex and half-duplex communication
● Data length: 7 to 9 bits (Asynchronous mode)
● Bit rate modulation
● Double speed mode (Asynchronous, Clock Synchronous, Simple SPI mode)
● RS-485 driver control function (Asynchronous mode)
● Loopback function to enable self-diagnosis (Asynchronous, Clock synchronous mode)
I2C bus interface (IIC)
● 3 channels
● Communication formats: I2C bus format or SMBus format
● Master or slave mode selectable
● Supports the multi-master
● Maximum transfer rate: 400 kbps (Standard mode and Fast mode)
CAN-FD module (CANFD)*3
● 2 channels
● Comply with CAN-FD ISO 11898-1 (2015)
● Communication speed
– Classical CAN mode: 1 Mbps
– CAN FD mode:
Nominal bit rate: max. 1 Mbps
Data bit rate: max. 8 Mbps
● Total 192 message buffers (in case frame size is 76 bytes)
– Individual buffers: 64 for TX
– Shared buffers: 128 for TX and RX including FIFO
● Selectable ID type with 11-bit Standard and 18-bit Extended
● Selectable Frame type: Data Frame and Remote Frame
● Up to 256 receive rules
Serial peripheral interface (SPI)
● 4 channels
● SPI transfer facility
Using the MOSI (master out slave in), MISO (master in slave out), SSL (slave select), and
RSPCK (SPI clock) signals enables serial transfer through SPI operation (four lines) or
clock-synchronous operation (three lines) capable of handling serial transfer as a master or
slave
● Data formats
– Switching between MSB first and LSB first
– Transfer bit length selectable to 4 - 32 bits
– 32 bits × 4-stage FIFO transmit and receive buffers
– Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
● RSPCK can be stopped automatically with the reception buffer full for master reception
Expanded serial peripheral interface
(xSPI)
● 2 channels
● Comply with JESD251
● Multiple slave up to 2 slaves
● Protocol mode: 1/4/8pin with SDR/DDR
1S-1S-1S, 4S-4D-4D, 8D-8D-8D
● Support OctaFlash, OctaRAM, HyperFlash and HyperRAM
● Protocol mode: 2/4pin with SDR compatible with QSPI
1S-2S-2S, 2S-2S-2S
1S-4S-4S, 4S-4S-4S
● Configurable address length
● Configurable initial access latency cycle
● Support XiP mode
● Support up to 64 MB address space each CS
● Prefetch function for burst-read with low latency
● Outstanding buffer for burst-write with high throughput
● Manual command configurable up to 4 commands
● Output clock/input strobe port timing shift
● Automatic command after released reset: up to 4 commands
Note 1. EtherCAT is a registered trademark of Beckhoff Automation GmbH, Germany.
RZ/T2M Datasheet
1. Overview
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 7 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com