Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 81Page - Renesas Technology Corp RZ/T2M Datasheet HTML 82Page - Renesas Technology Corp RZ/T2M Datasheet HTML 83Page - Renesas Technology Corp RZ/T2M Datasheet HTML 84Page - Renesas Technology Corp RZ/T2M Datasheet HTML 85Page - Renesas Technology Corp RZ/T2M Datasheet HTML 86Page - Renesas Technology Corp RZ/T2M Datasheet HTML 87Page - Renesas Technology Corp RZ/T2M Datasheet HTML 88Page - Renesas Technology Corp RZ/T2M Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 128 page
background image
CKIO
Tp
Trr
A25 to A0
tAD1
tCSD1
tRWD1
A12/A11*1
RD/WR#
tCSD1
DACK*2
Tpw
Trr
tRWD1
D31 to D0
BS#
tAD1
CS3#, CS2#
RAS#
tRASD1
tRASD1
tCASD1
CAS#
tCASD1
DQMUU, DQMUL,
DQMLU, DQMLL
CKE
Trc
Trc
tRWD1
tCSD1
tCSD1
tRASD1
tRASD1
(Hi-Z)
Trc
Tmw
Trc
Tde
PALL
REF
REF
MRS
tAD1
tAD1
tAD1
tCSD1
tCSD1
tCSD1
tCSD1
tRWD1
tRWD1
tRASD1
tRASD1
tRASD1
tRASD1
tCASD1
tCASD1
tCASD1
tCASD1
Note 1. Address pin to be connected to A10 of SDRAM.
Note 2. DACK is waveform when active-low is specified.
Figure 2.35
Synchronous DRAM mode register set timing (WTRP = 1 cycle)
2.5.4
DMAC Timing
Table 2.23
DMAC timing
Conditions: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 15 pF (CKIO), 30 pF (others), Tjmin = −40°C
Parameter
Symbol
Min.*1
Max.
Unit
Reference figure
DMAC
DREQ pulse width
tDRQW
tIcyc × 2
ns
Figure 2.36
DACK and TEND delay time
tDACD
0
10
ns
Figure 2.37
Note 1. tIcyc: ICLK cycle
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 85 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com