Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 50Page - Renesas Technology Corp RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp RZ/T2M Datasheet HTML 54Page - Renesas Technology Corp RZ/T2M Datasheet HTML 55Page - Renesas Technology Corp RZ/T2M Datasheet HTML 56Page - Renesas Technology Corp RZ/T2M Datasheet HTML 57Page - Renesas Technology Corp RZ/T2M Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 128 page
background image
Table 2.14
IO setting (DRCTLm register setting) condition
Module
Signal
IO type
Voltage
DRCTLm register
DRVn
SRn
SMTn
Bus
CKIO
SDRAM and High drive
3.3 V
High
Fast
Other than the above
3.3 V
Middle
Fast
Other than the above
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
DMAC, MTU3, IIC,
CANFD, DSMIF
All signals
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
GPT
(n = 0 to 17)
(m = 0, 1)
GTIOCnA, GTIOCnB
Type A
3.3 V
Middle
Slow
Disable
Type B
3.3 V
Low
Slow
Disable
GTADSMLm, GTADSMPm
3.3 V
Low
Slow
Disable
SCI, SPI
All signals
3.3 V
High
Fast
Disable
xSPI
(n = 0, 1; m = 0, 1)
XSPIn_CKP, XSPIn_CKN, XSPIn_IO[7:0],
XSPIn_CSm#, XSPIn_DS
1.8 V
High
Fast
Disable
3.3 V
High
Fast
Enable
Other than the above
Low
Slow
Disable
Ethernet Interface
(n = 0 to 2)
ETHn_TXCLK, ETHn_TXD[3:0]
1.8 V/3.3 V High
Fast
Disable
ETHn_TXER
3.3 V
Middle
Fast
ETHn_RXCLK, ETHn_RXD[3:0]
1.8 V/3.3 V —
Disable
ETHn_RXER, ETHn_COL, ETHn_CRS
3.3 V
Disable
ETHn_REFCLK, RMIIn_REFCLK
3.3 V
High
Fast
Other than the above
Low
Slow
Disable
Debug Interface
TRACECLK, TRACECTL, TRACEDATA[7:0],
TDO, TMS
3.3 V
High
Fast
Disable
Other than the above
Low
Slow
Disable
Other than the above
Low
Slow
Disable
2.5.1
Clock Timing
2.5.1.1
CKIO Pin Output Timing
Table 2.15
CKIO pin output timing
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
CKIO pin output cycle time
tCKcyc
Figure 2.2
10
53.4
ns
CKIO pin output high level pulse width tCKH
tCKcyc / 2 − tCKr
ns
CKIO pin output low level pulse width
tCKL
tCKcyc / 2 − tCKf
ns
CKIO pin output rising time 1
tCKr
CKIO: High drive output
Setting
3.8
ns
CKIO pin output falling time 1
tCKf
3.8
ns
CKIO pin output rising time 2
tCKr
CKIO: Normal output
setting
9
ns
CKIO pin output falling time 2
tCKf
9
ns
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 54 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com