Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 45Page - Renesas Technology Corp RZ/T2M Datasheet HTML 46Page - Renesas Technology Corp RZ/T2M Datasheet HTML 47Page - Renesas Technology Corp RZ/T2M Datasheet HTML 48Page - Renesas Technology Corp RZ/T2M Datasheet HTML 49Page - Renesas Technology Corp RZ/T2M Datasheet HTML 50Page - Renesas Technology Corp RZ/T2M Datasheet HTML 51Page - Renesas Technology Corp RZ/T2M Datasheet HTML 52Page - Renesas Technology Corp RZ/T2M Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
1.1-V power supply
1.8-V power supply
(1) Trisepwr
(1) Trisepwr
(2) Tdly18
(1) Trisepwr
(3) Tdly33
3.3-V power supply
(7) Tdly18d
(8) Tdly11d
Oscillation
XTAL / EXTAL
RES#
(5) Trisereset
(4) Tdlyreset
TRST#
(9) Tdlytotal
(10) Tdlytotald
(6) Tdly33d
(11) Tfallpwr
(11) Tfallpwr
(11) Tfallpwr
2.5 V
Note:
● When 1.8-V is supplied to VCC1833_n, should follow the 1.8-V power supply sequence. When 3.3-V is supplied to
VCC1833_n, should follow the 3.3-V power supply sequence.
● All 3.3-V power supplies must start up the same time.
Figure 2.1
Power on/off sequence
Table 2.3
Power on/off sequence timing
No.
Symbol
Description
Value
Min.
Typ.
Max.
(1)
Trisepwr
Rising time of the power supply voltage
10 µs
30 ms
(2)
Tdly18
Delay time from start of rising of the 1.1-V power supply voltage
to completion of rising of the 1.8-V power supply voltage
0
100 ms
(3)
Tdly33
Delay time from completion of rising of the 1.8-V power supply
voltage to completion of rising of the 3.3-V power supply voltage
0
100 ms
(4)
Tdlyreset
Delay time from completion of rising of the 3.3-V power supply
voltage to start of rising of RES# when XTAL/EXTAL is used.
10 ms
Delay time from completion of rising of the 3.3-V power supply
voltage to start of rising of RES# when EXTCLKIN is used.
1 ms
(5)
Trisereset
Rising time of RES#
150 µs
(6)
Tdly33d
Delay time from start of falling of RES# to start of falling of the
3.3-V power supply voltage
10 µs
(7)
Tdly18d
Delay time from the time when the 3.3-V power supply voltage
drops below 2.5 V to start of falling of the 1.8-V power supply
voltage
0
100 ms
(8)
Tdly11d
Delay time from start of falling of the 1.8-V power supply voltage
to start of falling of the 1.1-V power supply voltage
0
100 ms
(9)
Tdlytotal
Startup time of all power supply voltage
100 ms
(10)
Tdlytotald
Shut down time of all power supply voltage
100 ms
(11)
Tfallpwr
Falling time of the power supply voltage
10 µs
30 ms
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 49 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com