Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 104Page - Renesas Technology Corp RZ/T2M Datasheet HTML 105Page - Renesas Technology Corp RZ/T2M Datasheet HTML 106Page - Renesas Technology Corp RZ/T2M Datasheet HTML 107Page - Renesas Technology Corp RZ/T2M Datasheet HTML 108Page - Renesas Technology Corp RZ/T2M Datasheet HTML 109Page - Renesas Technology Corp RZ/T2M Datasheet HTML 110Page - Renesas Technology Corp RZ/T2M Datasheet HTML 111Page - Renesas Technology Corp RZ/T2M Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 128 page
background image
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 25 pF (RMII)
VOH = VCC33 × 0.5, VOL = VCC33 × 0.5, C = 30 pF (MII)
Table 2.38
Ethernet interface timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
Ethernet
(RGMII)
ETHn_TXCLK, ETHn_RXCLK cycle
time duration
1 Gbps
tRGMIIck
7.2
8.8
ns
Figure 2.81
100 Mbps
36
44
10 Mbps
360
440
ETHn_TXCLK, ETHn_RXCLK
frequency
1 Gbps
125 − 50 ppm 125 + 50 ppm MHz
100 Mbps
25 − 50 ppm
25 + 50 ppm
10 Mbps
2.5 − 50 ppm
2.5 + 50 ppm
ETHn_TXCLK, ETHn_RXCLK duty
cycle
1 Gbps
45
55
%
100 Mbps
10 Mbps
40
60
ETHn_TXCLK, ETHn_TXD0 to ETHn_TXD3,
ETHn_TXEN (TX_CTL), ETHn_RXCLK, ETHn_RXD0
to ETHn_RXD3, ETHn_RXDV (RX_CTL) rise/fall time
tRGMIIr,
tRGMIIf*1
0.75
ns
ETHn_TXD0 to ETHn_TXD3, ETHn_TXEN (TX_CTL)
to ETHn_TXCLK output skew
tRGMIIos
−0.5
0.5
ns
ETHn_RXD0 to ETHn_RXD3, ETHn_RXDV (RX_CTL)
setup time
tRGMIIs
1
ns
ETHn_RXD0 to ETHn_RXD3, ETHn_RXDV (RX_CTL)
hold time
tRGMIIh
1
ns
Ethernet
(RMII)
ETHn_RXCLK cycle time
tRMIIck
20
ns
Figure 2.82,
Figure 2.83
ETHn_RXCLK frequency Typ. 50 MHz
50 − 50 ppm
50 + 50 ppm
MHz
ETHn_RXCLK duty
35
65
%
ETHn_RXCLK rise/fall time
tRMIIckr,
tRMIIckf
0.5
3.5
ns
ETHn_TXD0, ETHn_TXD1, ETHn_TXEN output delay
time
tRMIId
2.5
12
ns
ETHn_RXD0, ETHn_RXD1,
ETHn_RXER, ETHn_RXDV (CRS_DV)
setup time
Case A*2
tRMIIs
4.0
ns
Case B*2
4.0
ns
Case C*2
4.8
ns
ETHn_RXD0, ETHn_RXD1, ETHn_RXER,
ETHn_RXDV (CRS_DV) hold time
tRMIIh
2
ns
ETHn_TXD0, ETHn_TXD1, ETHn_TXEN,
ETHn_RXD0, ETHn_RXD1, ETHn_RXER,
ETHn_RXDV (CRS_DV) rise/fall time
tRMIIr,
tRMIIf
0.5
4
ns
RZ/T2M Datasheet
2. Electrical Characteristics
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 108 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com