Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/T2M Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # RZ/T2M
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T2M Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button RZ/T2M Datasheet HTML 120Page - Renesas Technology Corp RZ/T2M Datasheet HTML 121Page - Renesas Technology Corp RZ/T2M Datasheet HTML 122Page - Renesas Technology Corp RZ/T2M Datasheet HTML 123Page - Renesas Technology Corp RZ/T2M Datasheet HTML 124Page - Renesas Technology Corp RZ/T2M Datasheet HTML 125Page - Renesas Technology Corp RZ/T2M Datasheet HTML 126Page - Renesas Technology Corp RZ/T2M Datasheet HTML 127Page - Renesas Technology Corp RZ/T2M Datasheet HTML 128Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 124 / 128 page
background image
D1
D
INDEX MARK
e
4X
aaa C A-B D
bbb H A-B D
4X
b
ddd
C A-B
D
-C-
ccc C
-D-
-A-
-B-
A
A2
A1
0.25
L
L1
GAUGE
PLANE
SECTION A-A
D2
EXPOSED DIE PAD
SEATING
PLANE
1 2 3
N
1 2 3
N
外形図 
Outline drawing
Renesasコード PLQP0176KI-A
ルネサスエレクトロニクス株式会社
Renesas Electronics Corporation
RDK-G-001639
1/1
JEITA Package code
RENESAS code
MASS(TYP.)[g]
P-LFQFP176-24x24-0.50
PLQP0176KI-A
1.90
Reference
Symbol
Dimension in Millimeters
MIN.
NOM.
MAX.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
D
26.00 BSC.
D1
24.00 BSC.
E
26.00 BSC.
E1
24.00 BSC.
N
-
176
-
e
0.50 BSC.
b
0.17
0.22
0.27
c
0.09
-
0.20
q
0°
3.5°
7°
L
0.45
0.60
0.75
L1
1.00 REF.
D2
-
5.60
-
E2
-
5.60
-
aaa
-
-
0.20
bbb
-
-
0.20
ccc
-
-
0.08
ddd
-
-
0.08
Figure A1.3
176-pin LQFP with exposed die pad
RZ/T2M Datasheet
Appendix 1. Package Dimensions
R01DS0383EJ0130 Rev.1.30
Mar 13, 2026
Page 124 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com