Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 115Page - Renesas Technology Corp RZ/N2L Datasheet HTML 116Page - Renesas Technology Corp RZ/N2L Datasheet HTML 117Page - Renesas Technology Corp RZ/N2L Datasheet HTML 118Page - Renesas Technology Corp RZ/N2L Datasheet HTML 119Page - Renesas Technology Corp RZ/N2L Datasheet HTML 120Page - Renesas Technology Corp RZ/N2L Datasheet HTML 121Page - Renesas Technology Corp RZ/N2L Datasheet HTML 122Page - Renesas Technology Corp RZ/N2L Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 128 page
background image
2.7
A/D Conversion Characteristics
Table 2.48
12-Bit A/D (unit 0) conversion characteristics
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Resolution
12
bits
—
Analog input capacitance
—
—
13
pF
—
Channel-dedicated sample-and-
hold circuits in use
(AN000 to AN002)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
1.52
—
—
µs
—
Offset error
—
—
±13
LSB
—
Full-scale error
—
—
±13
LSB
—
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
—
±14
LSB
—
DNL differential non-linearity error
—
—
±3
LSB
—
INL integral non-linearity error
—
—
±4
LSB
—
Holding characteristics of sample-
and-hold circuits
—
—
2.67
µs
—
Dynamic range
0.15
—
VREFH0 -
0.15
V
—
Channel-dedicated sample-and-
hold circuits not in use
(AN000 to AN007)
Conversion time*1
Permissible signal source
impedance
Max. = 1.0 kΩ
0.84
—
—
µs
—
Offset error
—
—
±11
LSB
—
Full-scale error
—
—
±11
LSB
—
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
—
±12
LSB
—
DNL differential non-linearity error
—
—
±3
LSB
—
INL integral non-linearity error
—
—
±4
LSB
—
Note:
The specified values in the table apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the specified ranges.
Note 1. The conversion time is the total of the sampling time and the comparison time.
Table 2.49
12-Bit A/D (unit 1) conversion characteristics
Parameter
Min.
Typ.
Max.
Unit
Reference
figure
Resolution
12
bits
—
Conversion time*1
Permissible signal source
impedance
Max = 1.0 kΩ
0.84
—
—
µs
—
Analog input capacitance
—
—
13
pF
—
Offset error
—
—
±11
LSB
—
Full-scale error
—
—
±11
LSB
—
Quantization error
—
±0.5
—
LSB
—
Absolute accuracy
—
—
±12
LSB
—
DNL differential non-linearity error
—
—
±3
LSB
—
INL integral non-linearity error
—
—
±4
LSB
—
Note:
The specified values in the table apply when there is no access to the external bus during A/D conversion. If access proceeds
during A/D conversion, values may not fall within the specified ranges.
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 119 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com