Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 116Page - Renesas Technology Corp RZ/N2L Datasheet HTML 117Page - Renesas Technology Corp RZ/N2L Datasheet HTML 118Page - Renesas Technology Corp RZ/N2L Datasheet HTML 119Page - Renesas Technology Corp RZ/N2L Datasheet HTML 120Page - Renesas Technology Corp RZ/N2L Datasheet HTML 121Page - Renesas Technology Corp RZ/N2L Datasheet HTML 122Page - Renesas Technology Corp RZ/N2L Datasheet HTML 123Page - Renesas Technology Corp RZ/N2L Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 128 page
background image
Note 1. The conversion time is the total of the sampling time and the comparison time.
Analog
signal
source
Ro
Co
Cin
Rs
Cs
DUT
ADC (equiv. circuit)
Ro, Co: Signal source impedance
Cin: Internal parasitic capacitance (package, I/O, etc.)
Rs, Cs: ADC equivalent circuit impedance (With sample-and-hold circuits: Rs = 1.5 kΩ and Cs = 4 pF.
Without sample-and-hold circuits: Rs = 0.75 kΩ and Cs = 3 pF. (Typical))
Figure 2.109
A/D converter equivalent circuit and peripheral configuration diagram
2.8
Temperature Sensor Characteristics
Table 2.50
Temperature sensor characteristics
Parameter
Min.
Typ.
Max.
Unit
Test Conditions
Relative accuracy
—
±1
—
°C
*1
Temperature slope
—
0.0625
—
°C/LSB
—
Output code (at 25°C)
—
1545 (decimal)
—
—
TSUSAD register
Note 1. 2-point calibration (Tj = 25°C and Tj = 85°C) and 8 times averaging.
2.9
Debug Interface Timing
Condition: VOH = VCC33 × 0.5, VOL = VCC33 × 0.5
Table 2.51
Debug interface timing (1 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
TCK cycle time
With an ICE connected
tTCKcyc
30*1
—
ns
Figure 2.110
For use in BSCAN
80
—
TCK high pulse width
tTCKH
0.4
0.6
tTCKcyc
TCK low pulse width
tTCKL
0.4
0.6
tTCKcyc
TDI setup time
tTDIS
5
—
ns
Figure 2.111
Output load:
30 pF
TDI hold time
tTDIH
5
—
ns
TMS/SWDIO setup time
tTMSS
5
—
ns
TMS/SWDIO hold time
tTMSH
5
—
ns
SWDIO delay time
tSWDO
—
15
ns
TDO delay time
With an ICE connected
tTDOD
—
15
ns
For use in BSCAN
—
22
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 120 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com