Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 117Page - Renesas Technology Corp RZ/N2L Datasheet HTML 118Page - Renesas Technology Corp RZ/N2L Datasheet HTML 119Page - Renesas Technology Corp RZ/N2L Datasheet HTML 120Page - Renesas Technology Corp RZ/N2L Datasheet HTML 121Page - Renesas Technology Corp RZ/N2L Datasheet HTML 122Page - Renesas Technology Corp RZ/N2L Datasheet HTML 123Page - Renesas Technology Corp RZ/N2L Datasheet HTML 124Page - Renesas Technology Corp RZ/N2L Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 128 page
background image
Table 2.51
Debug interface timing (2 of 2)
Parameter
Symbol
Min.
Max.
Unit
Reference
figure
Capture register setup time
tCAPTS
5
—
ns
Figure 2.112
Capture register hold time
tCAPTH
5
—
ns
Update register delay time
tUPDATED
—
15
ns
Trace clock cycle
tTCYC
20
—
ns
Figure 2.113
Output load:
15 pF
Trace data delay
time
Trace clock: P18_6
tTDT
-2.9
3.2
ns
Trace clock: P17_4
-2.8
3.3
Trace clock: P22_2
-2.2*2
4.0
Note 1. This value is the minimum cycle time for the normal operation of internal circuits.
The actual cycle time should be determined in consideration of the TCK capture edge timing and cable length of the connected ICE.
Note 2. If P22_1 is not used as trace control, this value is -1.8 ns.
tTCKcyc
tTCKH
tTCKL
TCK
VIH
VIH
VIL
VIL
1/2 VCC33
1/2 VCC33
VIH
Figure 2.110
TCK input timing
tSWDO
tTDOD
SWDIO (output)
TDO
tTMSS
tTMSH
TMS/SWDIO (input)
tTDIS
tTDIH
TDI
tTCKcyc
TCK
Figure 2.111
Data transfer timing
RZ/N2L Datasheet
2. Electrical Characteristics
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 121 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com