Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/N2L Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # RZ/N2L
Description  RZ Arm-based High-end 32 & 64-bit MPUs
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/N2L Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button RZ/N2L Datasheet HTML 120Page - Renesas Technology Corp RZ/N2L Datasheet HTML 121Page - Renesas Technology Corp RZ/N2L Datasheet HTML 122Page - Renesas Technology Corp RZ/N2L Datasheet HTML 123Page - Renesas Technology Corp RZ/N2L Datasheet HTML 124Page - Renesas Technology Corp RZ/N2L Datasheet HTML 125Page - Renesas Technology Corp RZ/N2L Datasheet HTML 126Page - Renesas Technology Corp RZ/N2L Datasheet HTML 127Page - Renesas Technology Corp RZ/N2L Datasheet HTML 128Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 125 / 128 page
background image
INDEX AREA
1
3
5
7
9
11
2
4
6
8
10
A
C
E
G
J
L
B
D
F
H
K
外形図 Outline drawing
Renesasコード PLBG0121GF-A
ルネサスエレクトロニクス株式会社
Renesas Electronics Corporation
RDK-G-001***
1/1
Reference
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
D
-
10.00
-
E
-
10.00
-
D1
-
8.00
-
E1
-
8.00
-
A
-
-
1.40
A1
0.27
-
-
b
0.38
0.43
0.48
e
-
0.80
-
aaa
-
-
0.15
ccc
-
-
0.20
ddd
-
-
0.12
eee
-
-
0.15
fff
-
-
0.08
n
-
121
-
JEITA Package code
RENESAS code
MASS(TYP.)[g]
P-LFBGA121-10x10-0.80
PLBG0121GF-A
0.23
E
aaa C
ccc C
ddd C
E1
φeee
C A B
φfff
C
n X φb
4X
B
C
Figure A1.2
121 pin FBGA
RZ/N2L Datasheet
Appendix 1. Package Dimensions
R01DS0397EJ0140 Rev.1.40
Mar 31, 2026
Page 125 of 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com