Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 10 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 6Page - STMicroelectronics SERCON410B Datasheet HTML 7Page - STMicroelectronics SERCON410B Datasheet HTML 8Page - STMicroelectronics SERCON410B Datasheet HTML 9Page - STMicroelectronics SERCON410B Datasheet HTML 10Page - STMicroelectronics SERCON410B Datasheet HTML 11Page - STMicroelectronics SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
2 PIN DESCRIPTION
Signal (s)
Pin (s)
IO
Function
D15-0
77-80,
82-85,
87-90,
92-95
I/O
Data bus: for 8-bit-wide bus interfaces, data is written to and read via D7-0,
for 16-bit-wide bus interfaces via D15-0. When ADMUX is 1, the address
which is stored in the address latch with ALEL and ALEH is input via D15-0.
A15-0
56-59,
61-64,
66-69,
71-74
I/O
Address bus: when ADMUX is 0 the pins are inputs, when ADMUX is 1, they
are outputs for the address stored with ALEL (A7-0) and ALEH (A15-8). In
the 8-bit bus mode, A0 distinguishes which byte is transmitted via
D7-0 (depends on BYTEDIR). In the 16-bit bus mode, data is tansferred via
D7-0 only when A0 is 0. A10-1 selects the words of the internal RAM; A6-
1the control registers.
ALEL, ALEH
54, 53
I
Address latch enable, low and high, active high: they are only used when
ADMUX is 1. When ALEL/ALEH is 1, the signals go from the data bus to
the address bus, when ALEL/ALEH = 0, they store the address. When
ADMUX is 0, ALEL/ALEH have to be connected to VDD.
RDN
51
I
Read: for the Intel bus interface, data is read when RDN is 0. For the
Motorola bus interface, data is read or written to when RDN is 0
(BUSMODE1 = 0) or RDN is 1 (BUSMODE1 = 1).
WRN
52
I
Write: for the Intel bus interface, data is written to when WRN is 0. For the
Motorola bus interface, WRN selects read (WRN = 1) and write (WRN = 0)
operations of the data bus.
BHEN
75
I
Byte high enable, active low: in the 16-bit bus mode, data is transferred via
D15-8 when BHEN is 0.
MCSN0,
MCSN1
46,47
I
Memory chip select, active low: to access the internal RAM MCSN0 and
MCSN1 must be 0.
PCSN0,
PCS1
48,49
I
Periphery chip select, active low (PCSN0) and active high (PCSN1): to
access the control registers PCSN0 must equal 0 and PCS1 must equal 1.
BUSYN
45
O
RAM busy, active low: becomes active if an access to an address of the
dual port RAM is performed simultaneously to an access to the same
memory location by the internal telegram processing.
DMAREQR
38
O
DMA request receive, active high: becomes active if data from the receive
FIFO can be read. At the beginning of the read operation of the last word of
the receive FIFO, DMAREQR becomes inactive.
DMAACKRN
40
I
DMA acknowledge receive, active low: when DMAACKRN is 0, the receive
FIFO is read, independent of the levels on A6-1 and the chip select signals.
DMAREQT
39
O
DMA request transmit, active high: becomes active when data can be
written to the transmit FIFO. DMAREQT becomes inactive again at the
beginning of the last write access to the transmit FIFO.
DMAREQTN
41
I
DMA acknowledge transmit, active low: when DMAACKTN is 0, the
transmit FIFO is written to when there is a bus write access independent of
the levels on A6-1 and the chip select signals.
ADMUX
96
I
Address data bus: when ADMUX is 0 A15-0 are the address inputs, when
ADMUX is 1 A15-0 are the outputs of the address latch.
BUSMODE0,
BUSMODE1
97,98
I
Bus mode: BUSMODE0 = 0 turns on the Intel bus interface (RDN = read,
WRN = write), BUSMODE0 = 1 selects the Motorola interface (RDN = data
strobe, WRN = read/write). BUSMODE1 selects the 0-active data strobe
(BUSMODE1 = 0) or the 1-active data strobe (BUSMODE1 = 1).
BUSWIDTH
99
I
Bus width: selects the 8-bit- (0) or the 16-bit-wide interface (1).
Table 1. SERCON410B I/O Port Function Summary
®
SERCON410B
6/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com