Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 27 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 23Page - STMicroelectronics SERCON410B Datasheet HTML 24Page - STMicroelectronics SERCON410B Datasheet HTML 25Page - STMicroelectronics SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics SERCON410B Datasheet HTML 30Page - STMicroelectronics SERCON410B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
4.2 DATA STRUCTURES WITHIN THE RAM
In this RAM the first eleven words have a fixed meaning.
A10-1
Contents
0-1
COMPT0-1: Start of transmission blocks 0-1
2-9
SCPT0-7: Address service containers 0-7
10
NMSTERR: Error counter MST
4.2.1 Telegram Headers
A telegram header for receive telegram contains thefollowing five control words:
INDEX
Bit
Name
Function
0
0-7
ADR
Telegram address
8
DMA
Data storage in the internal RAM (DMA = 0) or DMA transfer
(DMA = 1)
9
DBUF
Data in the RAM: single buffer (DBUF = 0) or double buffer (DBUF
=1)
10
VAL
For single buffering (DMA = 0, DBUF = 0) or DMA transfer (DMA = 1):
telegram data is invalid (VAL = 0) or valid (VAL = 1); for double
buffering (DMA = 0, DBUF = 1): data in buffer 0 (VAL = 0) or buffer
1 (VAL = 1) is valid. Modified by controller at beginning and end of
receive telegrams.
11
ACHK
Telegrams are received if the address is valid (ACHK = 1) or
independent on the received address (ACHK = 0). The received
address is stored at ADR.
12
TCHK
The time of receiving is checked (TCHK = 1) or not checked
(TCHK = 0).
13
RERR
The last telegram was free of error (RERR = 0) or errored or not
received (RERR = 1).
14
0
Marker bit for telegram header of receive telegram.
15
0
Marker bit for telegram header.
1
0-15
TRT
Time for the start of telegram in
µs after end of MST.
2
0-15
TLEN
Length of telegram in data words (not including address).
3
0-9
PT
Word address within the RAM of the next telegram header or the
end marker.
10-15
(Not used)
4
0-15
NERR
Error counter
The rest of the RAM can be divided into data structures as required.
®
SERCON410B
23/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com