Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 28 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 24Page - STMicroelectronics SERCON410B Datasheet HTML 25Page - STMicroelectronics SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics SERCON410B Datasheet HTML 30Page - STMicroelectronics SERCON410B Datasheet HTML 31Page - STMicroelectronics SERCON410B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
A telegram header for transmit telegram comprises four control words:
DATA STRUCTURES WITHIN THE RAM (Continued)
Index
Bit
Name
Function
0
0-7
ADR
Telegram address
8
DMA
Data storage in the RAM (DMA = 0) or DMA transfer (DMA = 1).
9
DBUF
Data in RAM: single buffer (DBUF = 0) or double buffer (DBUF = 1).
10
VAL
For double buffering (DMA = 0, DBUF = 1): data in buffer 0 (VAL = 0)
or buffer 1 (VAL = 1) are valid. Set by processor.
11-12
EN
Data telegram is not to be transmitted (EN = 0), transmitted once
(EN = 1), continuously (EN = 2) or transmitted only if the previously
received telegram contains the expected address (EN = 3) (PHAS12
=1 and FLMDTADR = 1). If EN is 1 the circuit sets EN to 0 after
the transmit telegram has been started.
13
(Not used)
14
1
Marker bit for telegram header of transmit telegram.
15
0
Marker bit for telegram header.
1
0-15
TRT
Time for the start of telegram in
•s after the end of MST.
2
0-15
TLEN
Length of the telegram in data words (not including address).
3
0-9
PT
Word address of the next telegram header or the end marker.
10-15
(Not used)
®
SERCON410B
24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com