Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 22 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics SERCON410B Datasheet HTML 20Page - STMicroelectronics SERCON410B Datasheet HTML 21Page - STMicroelectronics SERCON410B Datasheet HTML 22Page - STMicroelectronics SERCON410B Datasheet HTML 23Page - STMicroelectronics SERCON410B Datasheet HTML 24Page - STMicroelectronics SERCON410B Datasheet HTML 25Page - STMicroelectronics SERCON410B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CONTROL REGISTER ADDRESSES (Continued)
A6-1
Bit
Name
R/W
Value
Function
2H
0-5
ENTXD1-6
R/W
0
1
Pin TxDn has a high impedance
Pin TxDn is outputting transmit data
6
TXDMODE
R/W
0
1
TXDMODE
TxD2-6 is outputting ENTXD2-6
7-9
TMODE0-2
R/W
0-3
4,6
5
7
Test functions are controlled via TM0-1 pins
Continuous signal light
Zero bit stream
Normal operation
10-11
TM0-1
R
0
Level at TM0-1
12
RDIST
R
0
1
Receive data normal
Receive data over distortion limit
13
FIBBR
R
0
1
Filler signal or data is received
No edges on receive data
14-15
LMODE0-1
R/W
0
1
2
3
L_ERRN active by FIBBR and RDIST
L_ERRN active by RDIST
L_ERRN active by FIBBR
L_ERRN is inactive
3H
0
INTFL0
R
0
1
Interrupt INT0 not active
Interrupt INT0 active
1
ENINT0
R/W
0
1
Interrupt INT0 disabled
Interrupt INT0 disabled
2
POLINT0
R/W
0
1
Interrupt INT0 1-active
Interrupt INT0 0-active
3
INTFL1
R
0
1
Interrupt INT1 not active
Interrupt INT1 active
4
ENINT1
R/W
0
1
Interrupt INT1 disabled
Interrupt INT1 enabled
5
POLINT1
R/W
0
1
Interrupt INT1 1-active
Interrupt INT1 0-active
6
COMACT
R
0
1
No transmission block is processed
Transmission block is processed
7
COMBLK
R
0
1
Transmission block 0 is processed
Transmission block 1 is processed
8
ENTMT
R/W
0
1
Do not send data telegrams
Send data telegrams
9
FLTMT
R
0
1
Data telegram is not sent
Data telegram is sent
10
FLRWAIT
R
0
1
Data telegram is not expected
Data telegram is expected
11
FLREC
R
0
1
Data telegram is not received
Data telegram is received
®
SERCON410B
18/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com