Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 13 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 9Page - STMicroelectronics SERCON410B Datasheet HTML 10Page - STMicroelectronics SERCON410B Datasheet HTML 11Page - STMicroelectronics SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
3 ELECTRICAL CHARACTERISTICS
3.1 ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
VI
Input Voltage
VSS - 0.3 to VDD + 0.3
V
VO
Output Voltage
VSS - 0.3 to VDD + 0.3
V
TSTG
Storage Temperature
-55 to +150
°C
3.2 RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
Min.
Max.
TA
Operating Temperature
-40
85
°C
VDD
Operating Supply Voltage
4.75
5.25
V
fSCLK
Clock Frequency SCLK
64
MHz
fMCLK
Clock Frequency MCLK
20
MHz
fTxC,fRxC
Clock Frequency TxC, RxC
10
MHz
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
VIL
Input Low Level Voltage
0.8
V
VIH
Input High Level Voltage
2.4
V
VT+
Schmitt trig. +ve threshold
All pins except
D15-0, A15-0,
ALEL, ALEH,
RDN, WRN,
BHEN, MCSN0-1,
PCSN0, PCS1,
DMAACKTN,
DMAACKRN
2.0
2.4
V
VT-
Schmitt trig. +ve threshold
0.6
0.8
V
(VDD =5V
± 5% TA = -40°C to +85°C, unless otherwise specified)
3.3 DC ELECTRICAL CHARACTERISTICS
®
SERCON410B
9/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com