Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 18 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics SERCON410B Datasheet HTML 20Page - STMicroelectronics SERCON410B Datasheet HTML 21Page - STMicroelectronics SERCON410B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Figure 10. Read Access of Dual Port RAM
AC ELECTRICAL CHARACTERISTICS (Continued)
3.4.6 Read Access of Dual Port RAM
Symbol
Parameter
Value
Unit
Min.
Type
Max.
tASU
Setup time A10-0, BHEN, MCSN0-1, WRN
(only Motorola mode) to falling edge RDN
(Intel or Motorola mode with low active
strobe) or rising edge RDN (Motorola mode
with high active strobe)
0ns
tAHD
Hold time A10-0, BHEN, MCSN0-1, WRN
(only Motorola mode) to rising edge RDN
(Intel Motorola mode with low active strobe)
or falling edge RDN (Motorola mode with high
active strobe)
0ns
tMRDD
Access time RDN to D15-0 valid
60
ns
tMBSY
Delay RDN to BUSYN low
35
ns
tMBHD
Delay BUSYN high to D15-0 valid
30
ns
tRDZ
Delay RDN to D15-0 high-Z
15
ns
tRD1
RDN and WRN high after end of read access
30
ns
®
SERCON410B
14/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com