Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 25 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 21Page - STMicroelectronics SERCON410B Datasheet HTML 22Page - STMicroelectronics SERCON410B Datasheet HTML 23Page - STMicroelectronics SERCON410B Datasheet HTML 24Page - STMicroelectronics SERCON410B Datasheet HTML 25Page - STMicroelectronics SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CONTROL REGISTER ADDRESSES (Continued)
A6-1
Bit
Name
R/W
Value
Function
OCH
9
POLCYCCLK
R/W
0
1
Timing control triggered by rising edge of
CYC_CLK
Timing control triggered by falling edge of
CYC_CLK
10
CYCSTART
W
0
1
No function
Trigger timing control after TCYCSTART
(master)
11
RDTCNT
W
0
1
Do not read TCNT
Load TCNT to TCNTRD
12-15
NCYC
R/W
Number of communcation cycles triggered by
CYC_CLK or CYCSTART
0DH
0-7
HS_TIMEOUT
R/W
Handshake timeout for service channel
8-15
BUSY_TIMEOUT
R/W
BUSY timeout for service channel
0EH
0-4
MCLKDIV
R/W
Predivider value: fMCLK/1 MHz - 1
(reset value = 19)
5-7
(Not used)
8-12
MCLKST
R/W
Initial value for predivider
13-15
(Not used)
0FH
0-15
TSCYC0
R/W
SERCOS interface cycle time in
•s for
transmission block 0
10H
0-15
TSCYC1
R/W
SERCOS interface cycle time in
•s für
transmission block 1
11H
0-15
TCYCDEL
R
Time at which MST is received, ring delay
(master)
12H
0-15
TCNTLT
R
Stored value of TCNT time counter
13H
0-15
TCNTST
R/W
Initial value for TCNT time counter
14H
0-15
TCYCSTART
R/W
Delay in triggering timing control
15H
0-15
JTSCYC1
R/W
Receive time window for MST 1
16H
0-15
JTSCYC2
R/W
Receive time window for MST 2
17H
0-15
PROGERR_FL
R
Error flags
CLR_PROGERR_FL
W
Clear error flags
18H
0-15
JTRDEL1
R/W
Receive time window for data telegram 1
19H
0-15
JTRDEL2
R/W
Receive time window for data telegram 2
1AH
0-15
TINT0
R/W
Time at which time interrupt 0 and first edge
of CON_CLK occur
1BH
0-15
TINT1
R/W
Time at which time interrupt 1 and second
edge of CON_CLK occur
®
SERCON410B
21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com