Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 15 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 11Page - STMicroelectronics SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Figure 5. Timing of Clock MCLK and Related Outputs
(Cload =50 pF, VDD =5 V
± 5% TA = -40 °C to +85 °C)
3.4 AC ELECTRICAL CHARACTERISTICS
3.4.1 Clock Input MCLK
Symbol
Parameter
Value
Unit
Min.
Type
Max.
fMCLK
Clock Frequency MCLK
12
20
MHz
tMCLK0
MCLK Low
20
ns
tMCLK1
MCLK High
20
ns
tMCLD
Output Delay Rising Edge MCLK to
DMAREQR/T, CON_CLK, DIV_CLK
30
ns
Figure 6. Timing of Clock SCLK
3.4.2 Clock Input SCLK
Symbol
Parameter
Value
Unit
Min.
Type
Max.
fSCLK
Clock Frequency SCLK
64
MHz
tSCLK0
SCLK Low
6.5
ns
tSCLK1
SCLK High
6.5
ns
®
SERCON410B
11/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com