Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 20 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics SERCON410B Datasheet HTML 20Page - STMicroelectronics SERCON410B Datasheet HTML 21Page - STMicroelectronics SERCON410B Datasheet HTML 22Page - STMicroelectronics SERCON410B Datasheet HTML 23Page - STMicroelectronics SERCON410B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Figure 12. Write Access to DUAL Port RAM
AC ELECTRICAL CHARACTERISTICS (Continued)
Symbol
Parameter
Value
Unit
Min.
Type
Max.
tASU
Setup time A10-0, BHEN, MCSN0-1, WRN
(only Motorola mode) to falling edge of
WRN (Intel mode) or RDN (Motorola mode
with low active strobe) or rising edge RDN
(Motorola mode with high active strobe)
0ns
tAHD
Hold time A10-0, BHEN, MCSN0-1, WRN
(only Motorola mode) to rising edge of WRN
(Intel mode) or RDN (Motorola mode with low
active strobe) or rising edge RDN (Motorola
mode with high active strobe)
0ns
tMWRW
Pulse width WRN or RDN
30
ns
tDSU
Setup time D15-0 to end of write access
10
ns
tDHD
Hold time D15-0 after end of write access
10
ns
tMBSY
Delay WRN or RDN (begin of write access)
to BUSYN low
35
ns
tMBHWH
Setup time BUSYN high to end of write
access
30
ns
tWR1
WRN and RDN high after end of write
access
40
ns
3.4.8 Write Access to Dual Port RAM
®
SERCON410B
16/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com