Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 14 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 10Page - STMicroelectronics SERCON410B Datasheet HTML 11Page - STMicroelectronics SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
IIL
Low Level Input Current
(Pull-up resistor)
VI = VSS
-450
-50
-30
µA
IIH
High Level Input Current
VI = VDD
-10
<1
10
µA
VOL
Low level Output Voltage,
all O- and I/O-pins except TXD6-1
IOI = -4 mA
0.4
V
VOH
High level output voltage,
all O- and I/O-pins except TXD6-1
IOH = +4 mA
2.4
V
VOL
High level output voltage,
all O- and I/O-pins except TXD6-1
IOI = -8 mA
0.4
V
VOH
High level output voltage,
pins TXD6-1
IOH = +8 mA
VDD - 0.5
IOZ
Tri-state output leakage
VO =0 V or VDD
-10
<1
+10
µA
IKLU
I/O latch-up current
V<VSS V>VDD
200mA
mA
VESD
Electrostatic protection
C=100 pF, R = 1.5 k
2000
V
CPIN
Pin capacitance
10
pF
DC ELECTRICAL CHARACTERISTICS (Continued)
®
SERCON410B
10/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com