Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 32 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics SERCON410B Datasheet HTML 30Page - STMicroelectronics SERCON410B Datasheet HTML 31Page - STMicroelectronics SERCON410B Datasheet HTML 32Page - STMicroelectronics SERCON410B Datasheet HTML 33Page - STMicroelectronics SERCON410B Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
DATA STRUCTURES WITHIN THE RAM (Continued)
The coding of the five control words depends on the mode of the service channel. Using the slave mode
(SCMASTER = 0) they have the following structure:
Index
Bit
Name
Function
0
0
HS_AT
Handshake bit in AT
1
BUSY_AT
Busy bit in AT, also waiting for microprocessor interaction
2
ERR_AT
Error bit in AT
3
Error bit in AT
Command modification bit in AT
4-6
ELEM
Data element of present transmission
7
L/S
Read (0)/write (1) of present transmission
8-9
NINFO_WRITE
Number of info words in write buffer (1 to 4)
10-11
(Not used)
12
INT_ELEM_CHANGE
Master has modified data element or read/write
13
INT_END_WRBUF
End of write buffer is reached
14
INT_END_RDBUF
End of read buffer is reached
15
INT_END_MDT
Master reports end via END_MDT-bit
1
0
HS_MDT
Handshake bit in MDT
1
L/S_MDT
Read/write in MDT
2
END_MDT
End bit in MDT
3-5
ELEM_MDT
Data element in MDT
6
(Not used)
7
RECERR
Last transmission was correct (0) or errorneous (1)
8-9
NINFO_READ
Number of info words in read buffer (1 to 4)
10-15
(Not used)
2
0-7
WRDATPT
Pointer to present position in write buffer
8-15
WRDATLAST
Pointer to last position in write buffer
3
0-7
RDDATPT
Pointer to present position in read buffer
8-15
RDDATLAST
Pointer to last position in read buffer
4
0-8
(Not used)
9
INT_SC_ERR
Interrupt due to protocol error
10-15
(Not used)
®
SERCON410B
28/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com