Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 16 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics SERCON410B Datasheet HTML 17Page - STMicroelectronics SERCON410B Datasheet HTML 18Page - STMicroelectronics SERCON410B Datasheet HTML 19Page - STMicroelectronics SERCON410B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Figure 7. Timing of Serial Clock Inputs RxC and TxC and Related Signals
AC ELECTRICAL CHARACTERISTICS (Continued)
3.4.3 Serial Clock
Symbol
Parameter
Value
Unit
Min.
Type
Max.
fRTXC
Clock Frequency RxC, TxC
10
MHz
tRTXC0
RxC, TxC Low
40
ns
tRTXX1
RxC, TxC High
40
ns
tRTOUT
Output Delay RxC, TxC to TxD6-1,
TxDNRZ, IDLE, RECACTN
45
ns
tRXDSU
Setup RxD to Falling Edge of RxC
15
ns
(SREGEN = 0, external clock regeneration, RxC and TxC are inputs)
Figure 8. Timing of Serial Clock Inputs RxC and TxC and Related Signals
3.4.4 Address Latch
Symbol
Parameter
Value
Unit
Min.
Type
Max.
tALEW
Pulse Width ALEL, ALEH
25
ns
tALESU
Setup Time D15-0 To Falling Edge ALEH,
ALEL
10
ns
tALEHD
Hold Time Falling Edge ALEH, ALEL to D15-0
5
ns
tDA
Delay from D15-0 to A15-0
20
ns
®
SERCON410B
12/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com