Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 33 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 33 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics SERCON410B Datasheet HTML 30Page - STMicroelectronics SERCON410B Datasheet HTML 31Page - STMicroelectronics SERCON410B Datasheet HTML 32Page - STMicroelectronics SERCON410B Datasheet HTML 33Page - STMicroelectronics SERCON410B Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
5 PACKAGE MECHANICAL DATA
Figure 15. SERCON410B 100 Pin Plastic Quad Flat Pack Package
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
3.40
0.134
A2
2.55 2.80
3.05 0.100 0.110 0.120
D
23.65 23.90 24.15 0.931 0.941 0.951
D1
19.90 20.00 20.10 0.783 0.787 0.791
D3
18.85
0.742
E
17.65 17.90 18.15 0.695 0.705 0.715
E1
13.90 14.00 14.10 0.547 0.551 0.555
E3
12.35
0.486
e
0.65
0.026
Number of Pins
ND
30
NE
20
N
100
6 ADDITIONAL SUPPORT AND TOOLS
6.1 SERCOS INTERFACE SPECIFICATION
The SERCOS interface specification is available
at:
Fördergemeinschaft SERCOS interface e.V.
Herseler Str. 31
D-50389 Wesseling
Tel. xx49-2236-1517
Fax. xx49-2236-1542
6.2 SOFTWARE AND BOARDS FOR THE
SERCON410B
Driver software SERCDRV
Master and slave routines for the SERCON410B
Written in ANSI-C
Independent from operating system and processor
Contains:
- initialization
- start-up of SERCOS interface (phases 0 - 4)
- service channel transmission
Easy portable to many microprocessors and hard-
ware platforms
PC-AT board SERCEB
16-bit ISA bus
Receiver and transmitter for fibre optics (SERCOS
interface standard)
SERCON410B and additional timerchip 82C54
Additional RS-485-signals for serial connection
and synchronization
Wire wrap area for extension
Add-on board SERCINT
Multiplexed 16-bit address/data-bus
Receiver and transmitter for fibre optics (SERCOS
interface standard)
SERCON410B
Additional RS-485-signals for serial connection
These software and boards are available at:
IAM GmbH
Vertrieb Systemtechnik
Richard-Wagner-Str. 1
D-38106 Braunschweig
Tel. xx49-531-3802-0
Fax. xx49-531-3802-110
®
SERCON410B
29/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com