Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 26 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 22Page - STMicroelectronics SERCON410B Datasheet HTML 23Page - STMicroelectronics SERCON410B Datasheet HTML 24Page - STMicroelectronics SERCON410B Datasheet HTML 25Page - STMicroelectronics SERCON410B Datasheet HTML 26Page - STMicroelectronics SERCON410B Datasheet HTML 27Page - STMicroelectronics SERCON410B Datasheet HTML 28Page - STMicroelectronics SERCON410B Datasheet HTML 29Page - STMicroelectronics SERCON410B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
CONTROL REGISTER ADDRESSES (Continued)
A6-1
Bit
Name
R/W
Value
Function
1CH
0-15
TINT2
R/W
Time at which time interrupt 2 occurs
1DH
0-15
TINT3
R/W
Time at which time interrupt 3 occurs
1EH
0-15
TDIVCLK
R/W
Time at which the first pulse of DIV_CLK
occurs
1FH
0-15
DTDIVCLK
R/W
DIV_CLK pulse distance
20H
0-7
NDIVCLK
R/W
Number of DIV_CLK pulses within one
communication cycle (reset value =0)
8
POLDIVCLK
R/W
0
1
Pulses from DIV_CLK are 1-active
Pulses from DIV_CLK are 0-active
9-15
(Not used)
21H
0-9
THTPT
R
Internal RAM address of telegram header of
transmitted telegram
10-15
(Not used)
22H
0-15
THT
R
Control word 0 of telegram header of
transmitted telegram
23H
0-9
THWPT
R
Internal RAM address of telegram header of
a telegram which is expected
10-15
(Not used)
24H
0-15
THW
R
Control word 0 of telegram header of
telegram which is expected
25H
0-9
THRPT
R
Internal RAM address of telegram header of
received telegram
10
MSTTCHK
R/W
0
1
MST receive time is not checked
MST receive time is checked
11
PHAS12
R/W
0
1
Normal operation
Operating mode for SERCOS interface
phase 1 and 2
12
FLMDTADR
R/W
0
1
Address of receive telegram different
from expected value
Address of receive telegram equal to
expected value
13-15
(Not used)
26H
0-15
THR
R
Control word 0 of telegram header of
received telegram
27H
0-15
RFIFO
R
Receive FIFO
0-15
TFIFO
W
Transmit FIFO
®
SERCON410B
22/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com