Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERCON410B Datasheet(PDF) 12 Page - STMicroelectronics

Part # SERCON410B
Description  SERCOS INTERFACE CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SERCON410B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SERCON410B Datasheet HTML 8Page - STMicroelectronics SERCON410B Datasheet HTML 9Page - STMicroelectronics SERCON410B Datasheet HTML 10Page - STMicroelectronics SERCON410B Datasheet HTML 11Page - STMicroelectronics SERCON410B Datasheet HTML 12Page - STMicroelectronics SERCON410B Datasheet HTML 13Page - STMicroelectronics SERCON410B Datasheet HTML 14Page - STMicroelectronics SERCON410B Datasheet HTML 15Page - STMicroelectronics SERCON410B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Signal (s)
Pin (s)
IO
Function
SCLKO2
6
O
Clock output: outputs the SCLK clock divided by 2.
SCLKO4
5
O
Clock output: outputs the SCLK clock divided by 4.
MCLK
4
I
Master clock for telegram processing and timing control, frequency 12 to 20
MHz.
RSTN
10
I
Reset, active low. Must be zero for at least 50 ns after power on.
TEST
7
I
Test, active high. Has to be tied to VSS.
OUTZ
11
I
Puts outputs into high impedance state, active high: OUTZ is 1 puts all pins
into a high impedance state. The clocks are turned off and the circuit is
reset. For the in-circuit test and for turning on the powerdown mode.
NDTRO
9
O
NAND tree output. For the test at the semiconductor manufacturers and for
the connection test after board production. NDTRO is not set to a high
impedance state.
VSS
3,15,23,
33,42,
50,60,
70,81,
91
Ground pins.
VDD
1,8,19,
27,37,
55,65,
76,86
Power supply +5 V
± 5%.
Table 1. SERCON410B I/O Port Function Summary (Continued)
PIN DESCRIPTION (Continued)
®
SERCON410B
8/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com